Electronic Components Datasheet Search
  English  ▼

X  

ST0421 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ST0421
Description  RF Load 1 Watts To 4 GHz Nickel Plated Brass QMA Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

ST0421 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ST0421 Datasheet HTML 1Page - Infinite Electronics International, Inc. ST0421 Datasheet HTML 2Page - Infinite Electronics International, Inc. ST0421 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 3.0 Page 1 of 3
Copyright © 2016
RF termination (also called RF load or dummy load) ST0421 from Fairview
Microwave operates from DC to 4 GHz and handles up to 1 Watt (CW). This QMA
termination (or load) has a male gender. ST0421 QMA load termination offers
1.15:1 max VSWR.
RF terminations / loads are critical passive components in many RF, microwave
and millimeter wave systems where signal reflection from unused ports can reduce
the signal integrity can potentially damage the device. By terminating an unused
port with a matched load (dummy load), the incident energy will be absorbed with
minimal reflection. These radio frequency termination components are commonly
used to terminate devices such as couplers, circulators, and switches. Loads /
terminations are also widely used in measurement systems to ensure accurate
results. Fairview offers a large selection of in-stock RF, microwave and millimeter
wave terminations up to 65 GHz with great performance over the entire operating
range and with power handling capabilities up to 800 Watts (CW).
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
4
GHz
Impedance
50
Ohms
VSWR
1.15:1
Input Power (CW)
1
Watts
derated linearly to 0.1W at +125°C
Input Power (Peak)
250
Watts
5µs pulse, 0.4% duty cycle
Mechanical Specifications
Size
Length
0.93 in [23.62 mm]
Width
0.41 in [10.41 mm]
.
Weight
0.0165 lbs [7.48 g]
.
Configuration
Connector
QMA Male
Material Specifications
.
Description
Material
Plating
Connector 1 Contact
Brass
Gold
MIL-G-45204
.
Body
Brass
Nickel
.
Housing
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
ST0421
DATA SHEET
RF Load 1 Watts To 4 GHz Nickel Plated Brass QMA
Male
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• DC to 4 GHz Frequency Range
• VSWR 1.15:1 Max
• Max Power 1 Watt (CW)
• QMA Male Coaxial Interface
Applications:
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication


Similar Part No. - ST0421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST0423 ETC1-ST0423 Datasheet
92Kb / 2P
VARIABLE COMPRESSION MICA TRIMMERS AND PADDERS
More results

Similar Description - ST0421

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6154 PASTERNACK-PE6154 Datasheet
234Kb / 1P
50 Ohm 2 Watts Brass N Male RF Load Up To 4 GHz
PE6151 PASTERNACK-PE6151 Datasheet
203Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 8 GHz
PE6199 PASTERNACK-PE6199 Datasheet
238Kb / 2P
50 Ohm 1 Watts Gold Plated Brass MMCX Male RF Load Up To 6 GHz
PE6149 PASTERNACK-PE6149_13 Datasheet
204Kb / 3P
50 Ohm 1 Watts Precision Brass SMA Male RF Load Up To 2.5 GHz
PE6150 PASTERNACK-PE6150_16 Datasheet
417Kb / 3P
1 Watt RF Load Up to 4 GHz With SMA Male Input Gold Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6156 PASTERNACK-PE6156_16 Datasheet
419Kb / 3P
2 Watt RF Load Up to 4 GHz With BNC Male Input Nickel Plated Brass
PE6158 PASTERNACK-PE6158_13 Datasheet
208Kb / 2P
50 Ohm 2 Watts Precision Brass TNC Male RF Load Up To 4 GHz
PE6161 PASTERNACK-PE6161_16 Datasheet
436Kb / 4P
1 Watt RF Load Up to 18 GHz with SMP Male Limited Detent Gold over Nickel Plated Brass
PE6164 PASTERNACK-PE6164_16 Datasheet
423Kb / 4P
1 Watt RF Load Up to 12.4 GHz With QMA Male Input Nickel Plated Brass
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com