Electronic Components Datasheet Search
  English  ▼

X  

117 Datasheet(PDF) 2 Page - CTS Corporation

Part # 117
Description  1?쓝1??Stratum 3 OCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

117 Datasheet(HTML) 2 Page - CTS Corporation

  117 Datasheet HTML 1Page - CTS Corporation 117 Datasheet HTML 2Page - CTS Corporation 117 Datasheet HTML 3Page - CTS Corporation 117 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Model 117
1”x1” Stratum 3 OCXO
♦♦♦ CTS ♦ 171 Covington Dr. ♦ Bloomingdale, IL 60108 ♦ 800-757-6686 ♦ www.ctscorp.com ♦♦♦
REVISION X1
Page 2 of 4
Environmental and Mechanical Requirements
Storage Temperature :
-55°C to +125°C
Reflow Soldering :
Will withstand 240°C for 20 seconds
Shock :
50 G’s 11 ms, Pulse, 3 shocks per axis
Vibration :
10G’s Peak, 20 to 2000 Hz
Case :
Dual-in-Line
Seal :
Resistance Weld
Surface Mount Base :
High Temperature FR-4
MSL :
1
6/6 RoHS Compliance :
This product is fully compliant to RoHS Directive 2002/95/EC
Model 117 Standard Options
Model 117
-
___.________
Example: 117LBFT-20.000
Supply Voltage
L = +3.3Vdc
S = +5.0 Vcc
Op. Temp.Range
A = 0°C to +70°C
B = -40°C to +85°C
Elect. Freq Control
F = Fixed – No Adjust
V = Electrical Freq. Control
Package Style
T = Through-Hole
S = Surface Mount
Frequency in MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com