Electronic Components Datasheet Search
  English  ▼

X  

117 Datasheet(PDF) 1 Page - CTS Corporation

Part # 117
Description  1?쓝1??Stratum 3 OCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

117 Datasheet(HTML) 1 Page - CTS Corporation

  117 Datasheet HTML 1Page - CTS Corporation 117 Datasheet HTML 2Page - CTS Corporation 117 Datasheet HTML 3Page - CTS Corporation 117 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Model 117
1”x1” Stratum 3 OCXO
♦♦♦ CTS ♦ 171 Covington Dr. ♦ Bloomingdale, IL 60108 ♦ 800-757-6686 ♦ www.ctscorp.com ♦♦♦
REVISION X1
Page 1 of 4
Electrical Characteristics
Parameter
Sym
Conditions
Min
Typical
Max
Unit
Power Requirements
Power Supply
Vcc
± 5%
117L
± 5%
117S
3.135
4.75
3.30
5.0
3.465
5.25
Vdc
Vdc
Turn-On Power
Pmax
Vcc = Max., Std. Load
3.5
4.0
W
Steady State Power
Pss
Vcc = Max, Std. Load @ +25
°C
1.5
W
Warm-Up Time
Twu
To within ±0.3 ppm @ +25
°C
5
minutes
Frequency Stabilities
Center Frequency
fnom
10.0
10, 12.8, 16.384,
19.44, 20, 38.88
38.88
MHz
Initial Tolerance
fcal
Ta = +25
°C (At time of Shipment)
± 0.2
± 0.5
ppm
Frequency vs. Temperature
∆f/∆Temp
0°C to +70°C
-40°C to +85°C
± 0.075
±0.150
±0.125
±0.250
ppm
Frequency vs. Voltage
∆f/∆Vcc
Vcc
± 5%
± 10
ppb
Frequency vs Time (Aging)
∆f/∆Time
per Day
20 years
± 5
±2.5
ppb
ppm
24 Hour Holdover Stability
∆f/24Hr
Inclusive of Temperature, Supply
Variation and 24 hours Aging
±0.20
±0.37
ppm
Total Free-Running
Accuracy
∆f/Life
All Conditions for 20 years
(Reference to fnom)
± 4.6
ppm
Electrical Freq Adjust Option
∆f/Vc
Vc = 0 V to Vcc
±9.2
ppm
Waveform: HCMOS Output
Symmetry
Sym
@ 50% Level
40
50
60
%
Amplitude
Vo
Logic “1”
Logic “0”
0.9Vcc
0.1Vcc
V
V
Rise/Fall Times
tr, tf
20% to 80%
6
10
nSec
Load
RL
Output to Ground
10K
Ω // 15pF
Phase Noise
Offset = 10 Hz
-80
dBc/Hz
100 Hz
-115
dBc/Hz
1K Hz
-135
dBc/Hz
10 KHz
-140
dBc/Hz
100 KHz
-143
dBc/Hz
♦Frequency Stability to Stratum 3 of GR-1244
♦Package and Footprint Identical to
Model 118 Stratum 3E for Upgrade Option
♦Low Phase Jitter: <1pSec
♦+3.3Vdc or +5.0Vdc Operation
♦Precision Low Aging “AT” Cut Crystal
♦Through-Hole or Surface Mount Configuration


Similar Part No. - 117

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
117 RENESAS-117 Datasheet
867Kb / 114P
RENESAS MCU
logo
Aries Electronics, Inc.
117 ARIES-117 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
117 FLUKE-117 Datasheet
382Kb / 2P
Electrician’s Multimeter with Non-Contact Voltage
8/2006
logo
Walther-Werke
117 WALTHER-117 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Marl International Limi...
117-000-04-50 MARL-117-000-04-50 Datasheet
276Kb / 3P
PCB MOUNTING LEDs - 횠 3mm
More results

Similar Description - 117

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
112 CTS-112 Datasheet
63Kb / 3P
22x25mm Stratum 3 OCXO
114 CTS-114 Datasheet
55Kb / 2P
Dual-In-Line Stratum 3 OCXO
118 CTS-118 Datasheet
102Kb / 4P
1?쓝1??Stratum 3E OCXO
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOWST GOLLEDGE-OCXOWST Datasheet
143Kb / 2P
3.3V OCXO CMOS Output Stratum 3
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com