Electronic Components Datasheet Search
  English  ▼

X  

APS0229 Datasheet(PDF) 4 Page - ShenZhen OPSUN Technology Co., Ltd

Part # APS0229
Description  Apple Lightning Female Connector Communication Protocol Decoding IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPSUN [ShenZhen OPSUN Technology Co., Ltd]
Direct Link  http://www.aupsun.com/
Logo OPSUN - ShenZhen OPSUN Technology Co., Ltd

APS0229 Datasheet(HTML) 4 Page - ShenZhen OPSUN Technology Co., Ltd

  APS0229 Datasheet HTML 1Page - ShenZhen OPSUN Technology Co., Ltd APS0229 Datasheet HTML 2Page - ShenZhen OPSUN Technology Co., Ltd APS0229 Datasheet HTML 3Page - ShenZhen OPSUN Technology Co., Ltd APS0229 Datasheet HTML 4Page - ShenZhen OPSUN Technology Co., Ltd APS0229 Datasheet HTML 5Page - ShenZhen OPSUN Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
深圳市奥普尚科技有限公司
ShenZhen OPSUN Technology Co., Ltd
http://www.aupsun.com http://www.aupsun.cn
销售部
1:TEL:15602449960,QQ:2881651177
销售部
2:TEL:13043408198,QQ:2881651176
投诉与建议
:13480721600
http://www.aupsun.com
4 / 5
八、封装信息(Packaging) SOT23-6L
Symbols
Dimension In MM
Symbols
Dimension In MM
Min
Nom
Max
Min
Nom
Max
A
─
─
1.45
e1
1.90 BSC
A1
0.00
─
0.15
L
0.30
0.45
0.60
A2
0.90
1.15
1.30
L1
0.60 REF
b
0.22
─
0.38
L2
0.25 BSC
c
0.08
─
0.22
R
0.10
─
─
D
2.90 BSC
R1
0.10
─
0.25
E
2.80 BSC
θ
0°
4°
8°
E1
1.60 BSC
θ1
5°
10°
15°
e
0.95 BSC
九、注意
1、规格书、手册、文档中奥普尚、AOPSUN、OPSUN 的文字名称和图形标识是深圳市奥普尚科技有限公司的注册商标。
2、奥普尚科技保留对规格书、手册、文档中所有产品在可靠性、功能和设计方面的改进作进一步说明的权利。



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com