Electronic Components Datasheet Search
  English  ▼

X  

ST7283 Datasheet(PDF) 40 Page - Sitronix Technology Co., Ltd.

Part # ST7283
Description  720x544 System-On-Chip Driver for 480RGBx272 TFT LCD
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7283 Datasheet(HTML) 40 Page - Sitronix Technology Co., Ltd.

Back Button ST7283 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7283 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
ST7283
Version 1.3
Page 40 of 91
2020/09
7.2 I2C Interface
The I2C Interface is bi-directional two-line communication between different ICs or modules. The two lines are
a Serial Data line (SDA) and a Serial Clock line (SCL). Both lines have built-in pull up resistor which drives
SDA and SCL to high when the bus is not busy. Data transfer can be initiated only when the bus is not busy.
Driver
HOST
SPI_ I2C _SEL
SCL
SDA
SCL
SDA
VDDI
VDDI
GND
R
R
7.2.1 Bit Transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the
HIGH period of the clock pulse because changes of SDA line at this time will be interpreted as START or
STOP. Bit transfer is illustrated as follows.
SDA
SCL
Data line stable
Data Valid
Change of data
allowed
7.2.2 START and STOP Conditions
Both SDA and SCL lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of SDA, while
SCL is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of SDA while SCL is HIGH is
defined as the STOP condition (P). The START and STOP conditions are illustrated as follows.
SDA
SCL
START condition
S
P
STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com