Electronic Components Datasheet Search
  English  ▼

X  

227 Datasheet(PDF) 3 Page - CTS Corporation

Part # 227
Description  CTS 227 Rotary Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

227 Datasheet(HTML) 3 Page - CTS Corporation

  227 Datasheet HTML 1Page - CTS Corporation 227 Datasheet HTML 2Page - CTS Corporation 227 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CONTACT TYPE
N – NON SHORTING
(BREAK BEFORE MAKE)
S – SHORTING
(MAKE BEFORE BREAK)
SHAFT FMS
1/32" INCREMENTS
20 – .625" (15.9mm)
24 – .750" (19.1mm)
28 – .875" (22.2mm)
32 – 1.000" (25.4mm)
POLES
01 – 1 POLE
10 – 10 POLES
ETC.
TERMINAL STYLE
T – SOLDER LUG
X – PC WITH .688"(7.48mm)
HEIGHT STAND OFF
U – PCFORMED
TO REAR
P – X STYLE WITH
.100" (2.54mm)
SPACING
SPECIALS
N – NONE
E – LOCATING
LUG RIGHT
SIDE
SHAFT TRIM
R –ROUND
F –FLATTED .375" X .156"
(9.55mm X 4.0mm)
K –KNURLED EIA S148(24 TEETH)
S –SD SLOT .047" WIDE X .063" DEEP
(1.2mm X 1.6mm)
M – FLATTED .375” X .218”
(9.53mm X 5.54mm) WITH SLOT
POSITIONS
02 – 2 POSITIONS
12 – 12 POSITIONS,
ETC.
MOUNTING STYLE
BUSHING LENGTH:
1/8" INCREMENTS
EXAMPLES:
2 – .250" (6.35mm)
3 – .375" (9.5mm)
Ordering Information
T
01
02
N
2
20
R
N
227
Y – PC WITH .870" (22.1mm)
HEIGHT STAND OFF
D – NO LOCATING
LUG
3 - 3
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com