Electronic Components Datasheet Search
  English  ▼

X  

227 Datasheet(PDF) 1 Page - CTS Corporation

Part # 227
Description  CTS 227 Rotary Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

227 Datasheet(HTML) 1 Page - CTS Corporation

  227 Datasheet HTML 1Page - CTS Corporation 227 Datasheet HTML 2Page - CTS Corporation 227 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
CTS 227 Rotary
Switches
• Hill and valley detent
• Enclosed diecast detent plate
• Low cost
• 30˚ indexing
• Solder lug and printed circuit terminals available
• Molded stator prevents solder from flowing into
the circuit
• Custom switching patterns available
• Index or wafers are available separately
Series 227
Technical Data Sheet 1448C
Electrical and Mechanical Specifications
Indexing
Double bump spring hill and valley detent with
30°indexing for 2 through 12 positions or
continuous rotation.
Voltage and Contact Rating
UL Rating: 3/4 amp at 125 VAC (shorting type only)
Special Rating: 1/4 amp at 28 VDC (shorting or non shorting)
1 amp at 28 VDC (shorting type only)
Contact Resistance
.015 ohm when measured from adjacent terminals
Stop Strength
15 in-lb (17.3Kgf-cm).
Torque
As required within a range of 10 in-oz. (720gf-cm)
to 60 in-oz. (4.3Kg-cm).
Detent Rotational Life
Standard: 25,000 cycles through 12 positions and
return at 10 cycles per minute.
Materials
Shaft:Aluminum or unplated brass at CTS option
Bushing: Brass or Zinc diecast at CTS
Detent Spring: Stainless steel
Detent Plate: Zinc diecast
Rotor Contacts, Stator Contacts and Terminals:Silver
plated brass standard
Stator Insulator:Glass reinforced thermoset material
Bushing Lengths
Standard: 3/8"-32 UNEF-2A Thread,1/4" (6.35mm)
or 3/8" (9.53mm) long.
Special Lengths: Available as required — Brass
Locating Lugs
Standard:Left side .531" (13.5mm) radius
Special:Right side .531" (13.5mm) radius or no lug
Shaft Trim
Standard:Plain round
Special:Flat, slot, knurl, or mixed (flat with slot)
Frames
Machine screw, or staked strut (up to 3 wafers only)
Lubrication
Special lubrication is used sufficient for the life
of the index assembly under normal hand operation.
Features
• RoHS compliant
1 - 3
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 227

ManufacturerPart #DatasheetDescription
logo
Littelfuse
227 LITTELFUSE-227 Datasheet
96Kb / 1P
Axial Lead and Cartridge Fuses - Designed to IEC Standard
logo
Walther-Werke
227 WALTHER-227 Datasheet
958Kb / 2P
Sockets IP 44
logo
Glenair, Inc.
227-015 GLENAIR-227-015 Datasheet
168Kb / 1P
High-Pressure Environmental Plug
227-039 GLENAIR-227-039 Datasheet
301Kb / 2P
High-Pressure Environmental/Hermetic Jam Nut Mount
227-03910 GLENAIR-227-03910 Datasheet
427Kb / 2P
Bulkhead Feed-Through
More results

Similar Description - 227

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212 Datasheet
346Kb / 2P
CTS 212 Rotary Switch
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS Datasheet
236Kb / 3P
ROTARY SWITCHES
logo
Mitsumi Electronics, Co...
SRM-1011ST MITSUMI-SRM-1011ST Datasheet
65Kb / 2P
Rotary Switches
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
Rotary Encoder Switches
logo
CTS Corporation
212 CTS-212_07 Datasheet
1Mb / 3P
CTS 212 Rotary Switches
logo
Allen-Bradley
440T-MRKSE10 ALLEN-BRADLEY-440T-MRKSE10 Datasheet
161Kb / 3P
Rotary Switches
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
Rotary Switches
logo
E-SWITCH
KC13B7.002NLS E-SWITCH-KC13B7.002NLS_1 Datasheet
320Kb / 3P
ROTARY SWITCHES
KC1901 E-SWITCH-KC1901 Datasheet
94Kb / 1P
ROTARY SWITCHES
logo
Carling Technologies
R135-SERIES CARLINGTECH-R135-SERIES Datasheet
484Kb / 3P
Rotary Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com