Electronic Components Datasheet Search
  English  ▼

X  

290 Datasheet(PDF) 2 Page - CTS Corporation

Part # 290
Description  Commercial Miniature 9mm Encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

290 Datasheet(HTML) 2 Page - CTS Corporation

  290 Datasheet HTML 1Page - CTS Corporation 290 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
290
V A
A5
F
20
1
B
2
ENCODER CODE
1 - 2 BIT GRAY
TERMINAL STYLE
V - PC FORMED TO REAR
BUSHING LENGTH
"LB"
A - 5.0mm(.197
")
"M"
PULSE
20 - 20
(Gray code only)
SHAFT LENGTH :
"L"
A5 - 15mm( .591")
B0 - 20mm( .787")
B5 - 25mm( .984")
C0 - 30mm(1.181")
SHAFT TRIM
R - ROUND
F - F x 4.5mm (.177")
K - KNURL(18 TEETH)
S - SD SLOT TYPE
SWITCH CODE
A - NONE
B - MOMENTARY
DETENT
1 - NONE
2 - 20 DETENTS
SWITCH
STROKE
7.5
±0.1
"M"
Ø1.0 -0.0
+0.1
(5)
5.5
6.3
10.6
7.0
7.5
2.6
φ6.00
2.5
11.4
0.8
10.1
+0.1
-0.0
7.0
±0.1
.236
.098±.004
.295
.276
±.004
.398
.031
.449
(5)
.276
.295
.216
.248
.417
.039 -.000
+.004
-.000
+.004
.102
3.5V
1.5V
t1
t2
t3
BOUNCE / CHATTER
(FIG.3)
OFF
ON
5V
(FIG.2)
TYPICAL CIRCUIT
TERMINAL B
TERMINAL C
TERMINAL A
ENCODER
5K
5K
T1 T2 T3 T4
OFF
SINGNAL A
ON
SINGNAL B
OFF
ON
PHASE DIFFERENCE 4mSEC MIN
OUTPUT SIGNAL
(FIG.1)
Ø7.0mm(.276
")
B - 5.0mm(.197
") M7 x .75P
ALL 6mm( .236")
DIAMETER
TYPE MC-V290 Typical 2-Bit Encoder With Momentary Switch, Perpendicular to PC Board
DIMENSION:
mm
INCH
Ordering Information
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com
MOUNTING HOLE DETAIL VIEWED
FROM MOUNTING SIDE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com