Electronic Components Datasheet Search
  English  ▼

X  

290 Datasheet(PDF) 1 Page - CTS Corporation

Part # 290
Description  Commercial Miniature 9mm Encoders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

290 Datasheet(HTML) 1 Page - CTS Corporation

  290 Datasheet HTML 1Page - CTS Corporation 290 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Commercial
Miniature 9mm
Encoders
• 2 bit quad rature (Graycode)
• Optional momentary switch
• Durable metal shaft
• Miniature 9 mm style
• Continuous rotation
• RoHS compliant
Series 290 Encoder
Features
• Available with 20 detents
Encoder Ratings :
Contact Resistance
1Ω maximum
Voltage Rating (each channel)
12 VDC@ 10 mA maximum.
5 VDC@ 1 mA minimum.
Phase Difference (FIG.1)
T1,T2,T3,T4 5 milliseconds min.
at 60 rpm CW/CCW
Contact Bounce / Chatter (FIG.3)
t1,t2,t3 3 milli seconds max.
at 60 rpm CW/CCW
Detent Points
20 detents available
Rotational Life
50,000cycles
Resolution
20 pulses in 360°
Momentary SPST Switch Ratings :
Switch Contact Resistance
100 mΩ maximum initial,200mΩ after life cycles
Switch Rating
16 VDC @0.5A max.
@10mA min.
Switch Bounce
5 milliseconds maximum
Switch Operating Force
600±300 grams(21±11oz) for 0.5mm(.020") travel
Switch Life
100,000 operations for 0.5mm(.020") travel
Switch Travel
0.5mm(.020")
Temperature Ratings
Operation : - 30°C to +70°C
Solderability
Flux for 5-10 sec.,then dip into a
Solder bath at 260±5°C for 3sec.
Pull and Thrust on Shaft
Withstand a pushing and pulling force of
10kg-f static load applied in axial direction
for 10±1 sec. without physical damage or
electrical degradation.
Insulation Resistance
100 megohms between all terminals &
bushing at 250 VDC
Electrical and Mechanical Specifications
1 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 290

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
290 ETC1-290 Datasheet
45Kb / 1P
Low Cost Single and Multichannel Isolation Amplifier
logo
DB Lectro Inc
290 DBLECTRO-290 Datasheet
308Kb / 1P
PLUGGABLE SERIES
logo
Adafruit Industries
290 ADAFRUIT-290 Datasheet
183Kb / 1P
Solid-Core Wire Spool - 25ft - 22AWG - Black
logo
Keystone Electronics Co...
290 KEYSTONE-290 Datasheet
527Kb / 1P
BATTERY CONTACTS FOR MOLDED CASES
31-07 20th
logo
Glenair, Inc.
290-003 GLENAIR-290-003 Datasheet
125Kb / 2P
Strain-Relief Clamps and Environmental Backshells
More results

Similar Description - 290

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HRPG-ASCA HP-HRPG-ASCA Datasheet
221Kb / 8P
Miniature Panel Mount Optical Encoders
logo
CTS Corporation
250 CTS-250 Datasheet
1Mb / 4P
Commercial Composition 9mm Diameter Variable Resistors
logo
KODENSHI_AUK CORP.
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
logo
AVAGO TECHNOLOGIES LIMI...
HRPG-ASCA-53C AVAGO-HRPG-ASCA-53C Datasheet
691Kb / 9P
Miniature Panel Mount Optical Encoders
HRPG-AD16-56C AVAGO-HRPG-AD16-56C Datasheet
691Kb / 9P
Miniature Panel Mount Optical Encoders
logo
CTS Corporation
290VAA5F201B2 CTS-290VAA5F201B2 Datasheet
123Kb / 3P
Commercial Miniature 9mm Encoders
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
logo
AVAGO TECHNOLOGIES LIMI...
HRPG AVAGO-HRPG Datasheet
691Kb / 9P
Miniature Panel Mount Optical Encoders
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com