Electronic Components Datasheet Search
  English  ▼

X  

711615 Datasheet(PDF) 1 Page - Pro-Power

Part # 711615
Description  Unscreened Multicore Cables 7-1-xxA Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

711615 Datasheet(HTML) 1 Page - Pro-Power

  711615 Datasheet HTML 1Page - Pro-Power 711615 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unscreened Multicore Cables
7-1-xxA Series
Page <1>
23/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Feature:
• These standard, miniature sub-miniature cables are manufactured to Ministry of Defence, Defence standard 61-12 part 4 (for
miniature and sub-miniature sizes)
• These multicore flexible cables are designed for high density wiring between components and within instruments and electronic
equipment. They are extensively used in aircraft, avionic control systems, computers, data processors, process control systems,
military vehicles and ancillary military equipment. Because of the mechanical design of these cables they should not be used for
direct connection of equipment to mains power supplies
• 7-1-9A and 7-1-15A are core number and sheath colours not specifically listed in Defence Standard 61-12 parts 4, but because of
their suitability for applications in the electronics industry are manufactured with these configurations in conformance with
specifications for similar cables included in the defence standard
• Defence standard 61-12 Part 4
• Signal security cable
Technical Specifications:
Voltage Rating
: 250 Vrms
Maximum Current Per Core
: 0.25 A
Conductor Area
: 0.055 mm2 per core
Maximum Operating Temperature
: 70°C
Sheath Colour
: Black
Nominal Insulation Radial Thickness on Core
: 0.2 mm
Nominal Core Resistance
: 348
Ω / Km, 20°C
Nominal Conductor Diameter Per Core
: 0.3 mm
Nominal Overall Diameter Per Core
: 0.7 mm
Colour Rotation of Cores
The sequence of colours used for core identification as follows:
Red, Blue, Green, Yellow, White, Black, Brown, Violet, Orange, Pink, Turquoise, Grey, Red / Blue, Green/Red, Yellow/Red, White /
Red, Red / Black, Red / Brown, Yellow / Blue, White / Blue, Blue / Black, Orange / Blue, Green / Blue, Grey / Blue, Yellow / Green,
White / Green, Green / Black, Orange / Green, Grey / Green, Yellow / Brown, White / Brown, Brown / Black, Grey / Brown, Yellow /
Violet, Violet / Black, White / Violet
For Bicolour, first colour is base colour, second colour is tracer
Core colours for 25 core cable are as above, excluding Green / Blue, Grey / Blue and Green / Black


Similar Part No. - 711615

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7116 ETC1-7116 Datasheet
36Kb / 1P
Common Mode EMI Inductors
logo
Filtran LTD
7116 FILTRAN-7116 Datasheet
182Kb / 1P
Through Hole Common Mode Choke
logo
Molex Electronics Ltd.
7116-4152-02 MOLEX5-7116-4152-02 Datasheet
853Kb / 8P
SEALED CONNECTOR SYSTEM MX123 QUAD ROW
logo
List of Unclassifed Man...
7116-4415-02 ETC-7116-4415-02 Datasheet
697Kb / 1P
RH TYPE TERMINAL FEMALE
2001/08/06
logo
Bourns Electronic Solut...
7116-RC BOURNS-7116-RC Datasheet
89Kb / 1P
Common Mode EMI Chokes
More results

Similar Description - 711615

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1402D-DB8 MAXIM-DS1402D-DB8 Datasheet
171Kb / 2P
1-Wire Network Cables
032105
logo
Texas Instruments
TMS320C6474 TI-TMS320C6474 Datasheet
2Mb / 204P
Multicore Digital Signal Processor
logo
Maxim Integrated Produc...
DS1402X MAXIM-DS1402X Datasheet
84Kb / 3P
1-Wire Network Cables
6/09
DS1402D-41 MAXIM-DS1402D-41 Datasheet
156Kb / 3P
1-Wire Network Cables
6/09
logo
Freescale Semiconductor...
P4080PSE1MZA FREESCALE-P4080PSE1MZA Datasheet
241Kb / 2P
P4 Series P4080 multicore processor
P4080NXN1MMB FREESCALE-P4080NXN1MMB Datasheet
241Kb / 2P
P4080 multicore processor
P2041NXE1MMB FREESCALE-P2041NXE1MMB Datasheet
774Kb / 9P
P2041NXE1MMB multicore processors
P4080NXE1MMB FREESCALE-P4080NXE1MMB Datasheet
495Kb / 3P
P4 Series Multicore Processors
P4040NSN1PNB FREESCALE-P4040NSN1PNB Datasheet
495Kb / 3P
P4 Series Multicore Processors
logo
STMicroelectronics
AN4498 STMICROELECTRONICS-AN4498 Datasheet
941Kb / 19P
Lauterbach multicore debugging guide
19-Nov-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com