Electronic Components Datasheet Search
  English  ▼

X  

711615 Datasheet(PDF) 2 Page - Pro-Power

Part # 711615
Description  Unscreened Multicore Cables 7-1-xxA Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

711615 Datasheet(HTML) 2 Page - Pro-Power

  711615 Datasheet HTML 1Page - Pro-Power 711615 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unscreened Multicore Cables
7-1-xxA Series
Page <2>
23/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Specification Table
Cable
Reference
Number
of Cores
Nominal Diameter
Length (m)
Part Number
Minimum
Maximum
7-1-2A
2
2
2.5
25
850062 25M
7-1-3A
3
2.1
2.6
850057 25M
100
850057 100M
7-1-4A
4
2.3
2.8
25
850053 25M
100
850053 100M
7-1-6A
6
2.8
3.3
25
850063 25M
100
850063 100M
7-1-9A
9
3.4
3.9
25
850055 25M
100
850055 100M
7-1-12A
12
3.6
4.1
25
850073 100M
7-1-15A
15
4.1
4.5
100
711615
Part Number Explanation:
Number of
Wires per
Conductor
7
Nominal
Diameter of
Each Wire
1
Type of
Construction
A
P
Number
of Cores
Nominal Diameter of Each Wire : 1 = 0.1 mm
Number of Cores
: 2, 3, 4, 6, 9, 12, 15, 18, 25 and 36
Type of Construction
: A = Tinned Conductors Insulated with PVC to BS6746 Type 2, Overall Sheathed with PVC to
BS6746 Type 6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com