Electronic Components Datasheet Search
  English  ▼

X  

STD1NK60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STD1NK60
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STD1NK60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STD1NK60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STD1NK60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STD1NK60 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc N-Channel MOSFET Transistor
STD1NK60
www.iscsemi.com
1
FEATURES
· Drain Current -ID= 1.0A@ TC=25℃
· Drain Source Voltage -VDSS=600V(Min)
· Drain-Source Saturation Voltage
-RDS(on) = 8.5Ω(Max)@VGS= 10V, ID= 0.5A
DESCRIPTION
· Switch mode low power supplies
· Low power battery chargers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
600
V
VGS
Gate-Source Voltage-Continuous
±
30
V
ID
Drain Current-Continuous
1.0
A
IDM
Pulsed Drain Current
4.0
A
PD
Total Dissipation
30
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
4.16
℃
/W


Similar Part No. - STD1NK60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
2003-Jun
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
485Kb / 15P
N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
22-Nov-2004
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
429Kb / 15P
N-CHANNEL 600V - 8Ω - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
14-Feb-2006
logo
SHENZHEN DOINGTER SEMIC...
STD1NK60 DOINGTER-STD1NK60 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
748Kb / 13P
N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
2003-Jun
More results

Similar Description - STD1NK60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com