Electronic Components Datasheet Search
  English  ▼

X  

G2M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # G2M
Description  Standard Sinterglass Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G2M Datasheet(HTML) 1 Page - Vishay Siliconix

  G2M Datasheet HTML 1Page - Vishay Siliconix G2M Datasheet HTML 2Page - Vishay Siliconix G2M Datasheet HTML 3Page - Vishay Siliconix G2M Datasheet HTML 4Page - Vishay Siliconix G2M Datasheet HTML 5Page - Vishay Siliconix G2M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
G2A / B / D / G / J / K / M
Document Number 86085
Rev. 1.3, 11-Aug-04
Vishay Semiconductors
www.vishay.com
1
17031
Standard Sinterglass Diode
Features
• High temperature metallurgically bonded con-
structed rectifiers
• Cavity-free glass passivated junction
• Hermetically sealed package
• 2.0 ampere operation at Tamb = 75 °C with no ther-
mal runaway
Mechanical Data
Case: DO-204AP Sintered glass case
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: approx. 560 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Part
Type differentiation
Package
G2A
VRRM = 50 V
DO-204AP(G-1)
G2B
VRRM = 100 V
DO-204AP(G-1)
G2D
VRRM = 200 V
DO-204AP(G-1)
G2G
VRRM = 400 V
DO-204AP(G-1)
G2J
VRRM = 600 V
DO-204AP(G-1)
G2K
VRRM = 800 V
DO-204AP(G-1)
G2M
VRRM = 1000 V
DO-204AP(G-1)
Parameter
Test condition
Part
Symbol
Value
Unit
Reverse voltage = Repetitive
peak reverse voltage
see electrical characteristics
G2A
VR = VRRM
50
V
G2B
VR = VRRM
100
V
G2D
VR = VRRM
200
V
G2G
VR = VRRM
400
V
G2J
VR = VRRM
600
V
G2K
VR = VRRM
800
V
G2M
VR = VRRM
1000
V
Maximum average forward
rectified current
0.375 " (9.5 mm) lead length at
Tamb = 75 °C
IF(AV)
2.0
A


Similar Part No. - G2M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G2M GE-G2M Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
DIYI Electronic Technol...
G2M DYELEC-G2M Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
Relpol S.A.
G2M RELPOL-G2M Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
Baumer IVO GmbH & Co. K...
G2M2H.010A102 IVO-G2M2H.010A102 Datasheet
630Kb / 4P
Absolute encoders - SSI
G2M2H.012A102 IVO-G2M2H.012A102 Datasheet
630Kb / 4P
Absolute encoders - SSI
More results

Similar Description - G2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
Standard Avalanche Sinterglass Diode
12-Sep-12
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
Standard Avalanche Sinterglass Diode
25-Aug-10
CG2 VISHAY-CG2 Datasheet
307Kb / 4P
Standard Sinterglass Diode
11-Aug-04
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
Standard Avalanche Sinterglass Diode
20-Feb-18
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
Standard Avalanche Sinterglass Diode
20-Feb-18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com