Electronic Components Datasheet Search
  English  ▼

X  

G2M Datasheet(PDF) 3 Page - Vishay Siliconix

Part # G2M
Description  Standard Sinterglass Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G2M Datasheet(HTML) 3 Page - Vishay Siliconix

  G2M Datasheet HTML 1Page - Vishay Siliconix G2M Datasheet HTML 2Page - Vishay Siliconix G2M Datasheet HTML 3Page - Vishay Siliconix G2M Datasheet HTML 4Page - Vishay Siliconix G2M Datasheet HTML 5Page - Vishay Siliconix G2M Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
G2A / B / D / G / J / K / M
Document Number 86085
Rev. 1.3, 11-Aug-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Typical Instantaneous Forward Characteristics
Figure 4. Typical Reverse Characteristics
Figure 5. Typical Junction Capacitance
0.4
0.6
0.8
1.0
1.2
1.4
0.2
Instantaneous Forward Voltage (V)
0.01
0.1
10
1
TJ =25
°C
TJ = 150
°C
Pulse Width = 300
µs
1% Duty Cycle
gg2a_03
020
60
40
100
80
Percent of Rated Peak Reverse Voltage (%)
TJ = 125
°C
TJ =25
°C
0.01
0.1
10
1
TJ =75
°C
gg2a_04
Reverse Voltage (V)
1
1
0
100
30
10
1
TJ =25
°C
f = 1.0MHZ
Vsig = 50mVp-p
gg2a_05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com