Electronic Components Datasheet Search
  English  ▼

X  

A5970AD Datasheet(PDF) 7 Page - STMicroelectronics

Part # A5970AD
Description  Up to 1 A switch step down switching regulator for automotive applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5970AD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A5970AD Datasheet HTML 3Page - STMicroelectronics A5970AD Datasheet HTML 4Page - STMicroelectronics A5970AD Datasheet HTML 5Page - STMicroelectronics A5970AD Datasheet HTML 6Page - STMicroelectronics A5970AD Datasheet HTML 7Page - STMicroelectronics A5970AD Datasheet HTML 8Page - STMicroelectronics A5970AD Datasheet HTML 9Page - STMicroelectronics A5970AD Datasheet HTML 10Page - STMicroelectronics A5970AD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
A5970AD
7/16
4
Functional description
The main internal blocks are shown in Figure 2, where is reported the device block diagram.
They are:
■ A voltage regulator that supplies the internal circuitry. From this regulator, a 3.3 V
reference voltage is externally available.
■ A voltage monitor circuit that checks the input and internal voltages.
■ A fully integrated sawtooth oscillator whose frequency is 500 kHz
■ Two embedded current limitations circuitries which control the current that flows through
the power switch. The pulse by pulse current limit forces the power switch OFF cycle by
cycle if the current reaches an internal threshold, while the Frequency Shifter reduces the
switching frequency in order to strongly reduce the duty cycle.
■ A transconductance error amplifier.
■ A pulse width modulator (PWM) comparator and the relative logic circuitry necessary to
drive the internal power.
■ An high side driver for the internal P-MOS switch.
■ An inhibit block for stand-by operation
■ A circuit to realize the thermal protection function.
Figure 2.
Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com