Electronic Components Datasheet Search
  English  ▼

X  

A5970AD Datasheet(PDF) 1 Page - STMicroelectronics

Part # A5970AD
Description  Up to 1 A switch step down switching regulator for automotive applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5970AD Datasheet(HTML) 1 Page - STMicroelectronics

  A5970AD Datasheet HTML 1Page - STMicroelectronics A5970AD Datasheet HTML 2Page - STMicroelectronics A5970AD Datasheet HTML 3Page - STMicroelectronics A5970AD Datasheet HTML 4Page - STMicroelectronics A5970AD Datasheet HTML 5Page - STMicroelectronics A5970AD Datasheet HTML 6Page - STMicroelectronics A5970AD Datasheet HTML 7Page - STMicroelectronics A5970AD Datasheet HTML 8Page - STMicroelectronics A5970AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
May 2008
Rev 1
1/16
1
A5970AD
Up to 1 A switch step down switching regulator
for automotive applications
Features
■ Qualified following the AEC-Q100
requirements (temperature grade 3), see
PPAP for more details.
■ Temperature range -40 °C to 85 °C
■ 1 A DC output current
■ Operating input voltage from 4.4 V to 36 V
■ 3.3 V / (±2 %) reference voltage
■ Output voltage adjustable from 1.235 V to 35 V
■ Low dropout operation: 100 % duty cycle
■ 500 kHz Internally fixed frequency
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting
■ Inhibit for zero current consumption
■ Synchronization
■ Protection against feedback disconnection
■ Thermal shutdown
Applications
■ Dedicated to automotive applications
Description
The A5970AD is a step down monolithic power
switching regulator with a switch current limit of
1.35 A so it is able to deliver more than 1 A DC
current to the load depending on the application
conditions.
The output voltage can be set from 1.235 V
to 35 V. The device uses an internal P-channel
D-MOS transistor (with a typical RDS(on) of
250 m
Ω) as switching element to avoid the use of
bootstrap capacitor and guarantee high efficiency.
An internal oscillator fixes the switching frequency
at 500 kHz to minimize the size of external
components. Having a minimum input voltage of
4.4 V only, it is particularly suitable for 5 V bus,
available in all computer related applications.
Pulse by pulse current limit with the internal
frequency modulation offers an effective constant
current short circuit protection.
SO-8
Figure 1.
Application schematic
OUT
FB
GND
COMP
VCC
VIN=4.4V to 35V
A5970AD
C1
10uF
35V
CERAMIC
C2
100uF
10V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 15uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
OUT
FB
GND
COMP
VCC
VIN=4.4V to 35V
A5970AD
C1
10uF
35V
CERAMIC
C2
100uF
10V
C3
220pF
C4
22nF
R1
5k6
R2
3k3
R3
4k7
D1
STPS340U
L1 15uH
Vout=3.3V
1
2
3
4
5
6
7
8
INH
SYNCH
VREF
3.3V
www.st.com


Similar Part No. - A5970AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5970AD STMICROELECTRONICS-A5970AD Datasheet
730Kb / 17P
Up to 1 A switch step down switching regulator for automotive applications
27-Aug-2008
A5970AD_0808 STMICROELECTRONICS-A5970AD_0808 Datasheet
730Kb / 17P
Up to 1 A switch step down switching regulator for automotive applications
27-Aug-2008
More results

Similar Description - A5970AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5973D STMICROELECTRONICS-A5973D_08 Datasheet
787Kb / 12P
Up to 2 A step down switching regulator for automotive applications
02-May-2008
A6902D STMICROELECTRONICS-A6902D_08 Datasheet
159Kb / 12P
Up to 1 A step down switching regulator with adjustable current limit for automotive applications
02-May-2008
A5970AD_0808 STMICROELECTRONICS-A5970AD_0808 Datasheet
730Kb / 17P
Up to 1 A switch step down switching regulator for automotive applications
27-Aug-2008
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
A5970D013TR STMICROELECTRONICS-A5970D013TR Datasheet
1Mb / 41P
Up to 1 A step down switching regulator for automotive applications
03-Nov-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com