Electronic Components Datasheet Search
  English  ▼

X  

AX-396 Datasheet(PDF) 25 Page - YAMAHA CORPORATION

Part # AX-396
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

AX-396 Datasheet(HTML) 25 Page - YAMAHA CORPORATION

Back Button AX-396 Datasheet HTML 21Page - YAMAHA CORPORATION AX-396 Datasheet HTML 22Page - YAMAHA CORPORATION AX-396 Datasheet HTML 23Page - YAMAHA CORPORATION AX-396 Datasheet HTML 24Page - YAMAHA CORPORATION AX-396 Datasheet HTML 25Page - YAMAHA CORPORATION AX-396 Datasheet HTML 26Page - YAMAHA CORPORATION AX-396 Datasheet HTML 27Page - YAMAHA CORPORATION AX-396 Datasheet HTML 28Page - YAMAHA CORPORATION AX-396 Datasheet HTML 29Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
AX-496/396
32
Q516
iA097030
TR
2SA970 GR,BL
01
Q517
iA097030
TR
2SA970 GR,BL
01
* s Q518
VE198700 TR
2SA1145 O,Y
01
Q519
iC224030
TR
2SC2240 GR,BL
01
s Q520
iP011600
TR.PAIR
2SA1358,C3421 O,Y 02
# s Q521
VV857800 TR.PAIR
2SA1492,C3856 OPY 05
s Q522
VK432900 TR
2SD1915F S,T
01
s Q525
iP011600
TR.PAIR
2SA1358,C3421 O,Y
02
# s Q526
VV857800 TR.PAIR
2SA1492,C3856 OPY 05
s Q527
VK432900 TR
2SD1915F S,T
01
Q530
iC224030
TR
2SC2240 GR,BL
01
Q531
iC224030
TR
2SC2240 GR,BL
01
Q532
VP883000 TR
2SA893A D,E
s Q533
VP883100 TR
2SC1890A D,E
01
s Q534
VP883100 TR
2SC1890A D,E
01
Q535
VP768300 TR
2SC4466 O,P,Y(RT) 03
Q536
iC1815I0
TR
2SC1815 Y(RT)
01
Q537
iC174020
TR
2SC1740S R,S
01
R515
VP941000 R.MTL.OXD
680
Ω
1W
01
R516
VP941000 R.MTL.OXD
680
Ω
1W
01
s R517
VP940400 R.MTL.OXD
100
Ω
1W
01
s R528
VP940400 R.MTL.OXD
100
Ω
1W
01
s R532
VP940400 R.MTL.OXD
100
Ω
1W
01
s R540
VP940400 R.MTL.OXD
100
Ω
1W
01
s R544
VP941100 R.MTL.OXD
1K
Ω
1W
01
R547
VS267200 R.MTL.OXD
82
Ω
1W
s R548
VP939700 R.MTL.FLM
4.7
Ω
1W
01
s R549
HV756270 R.CAR.FP
2.7K
Ω
1/4W
01
s R550
HV755220 R.CAR.FP
220
Ω
1/4W
01
s R552
HV755680 R.CAR.FP
680
Ω
1/4W
01
* s R553
V4466300 R.WW
0.22
Ω
5W
s R554
HV755820 R.CAR.FP
820
Ω
1/4W
01
s R555
VP939700 R.MTL.FLM
4.7
Ω
1W
01
R556
VP940200 R.MTL.OXD
47
Ω
1W
01
s R557
VP939700 R.MTL.FLM
4.7
Ω
1W
01
s R558
HV755820 R.CAR.FP
820
Ω
1/4W
01
s R560
HV755680 R.CAR.FP
680
Ω
1/4W
01
* s R561
V4466300 R.WW
0.22
Ω
5W
s R562
HV755220 R.CAR.FP
220
Ω
1/4W
01
s R563
HV756270 R.CAR.FP
2.7K
Ω
1/4W
01
s R564
VP939700 R.MTL.FLM
4.7
Ω
1W
01
s R565
VP941100 R.MTL.OXD
1K
Ω
1W
01
s R566
VP941100 R.MTL.OXD
1K
Ω
1W
01
R578
HV754100 R.CAR.FP
10
Ω
1/4W
01
s R580
VP939800 R.MTL.OXD
10
Ω
1W
01
s R581
VP939800 R.MTL.OXD
10
Ω
1W
01
R584
HV754100 R.CAR.FP
10
Ω
1/4W
01
s R593
HV753100 R.CAR.FP
1
Ω
1/4W
01
s R599
VP939700 R.MTL.FLM
4.7
Ω
1W
01
s R600
VP939700 R.MTL.FLM
4.7
Ω
1W
01
s RY501 VU566700 RELAY
DG24D2-OS,M
s RY502 VK438300 RELAY
DH24D2-OT,M2
04
s RY503 VK438300 RELAY
DH24D2-OT,M2
04
s RY504 V2712300 RELAY
DC SDT-S-112LMR
ST501 BB071360 SCR.TERM
8.3x13
01
ST502 BB071360 SCR.TERM
8.3x13
01
ST503 BB071360 SCR.TERM
8.3x13
01
s SW501 V4104200 SW.SLIDE
SL13B-022-AMCS
SW502 VA961800 VOLT.SELCT
ESE-37247-F(RT) 05
* s SW503 V4466400 SW.PUSH
SDKLA1-AP1 TV-5
s T501
XV445A00 TRANS.PWR
(BG)
s T501
XW607A00 TRANS.PWR
(RT)
* s TE501 V4466700 CN.OUTLET
S2-763T-206(G)
s TE501 V4746500 OUTLET.AC
3P(RT)
s TE501 VU543300 OUTLET.AC
1P(B)
TE502 V4811400 TERM.SP
8P(BG)
TE502 VC313700 TERM.SP
8P(RT)
05
*
BB070700 GND.MTL
01
*
V5012600 P.C.B.
FUNCTION
CB101 VK026700 CN.BS.PIN
8P
CB102 Vi878600
CN.BS.PIN
8P
04
*
CB104 VK015400 CN.BS.PIN
13P
01
CB105 Vi878200
CN.BS.PIN
4P
CB106 Vi878200
CN.BS.PIN
4P
CB109 Vi878200
CN.BS.PIN
4P
CB110 Vi878000
CN.BS.PIN
2P
01
CB111 Vi878900
CN.BS.PIN
11P
01
CB112 VK027000 CN.BS.PIN
11P
CB113 Vi878900
CN.BS.PIN
11P
01
CB114 VK025500 CN.BS.PIN
11P
01
*
CB115 VB858600 CN.BS.PIN
7P
01
CB116 VK027000 CN.BS.PIN
11P
CB119 Vi878000
CN.BS.PIN
2P
01
CB120 Vi878200
CN.BS.PIN
4P
CB121 VK026500 CN.BS.PIN
6P
C101
VK533900 C.PP
100pF
200V
01
C102
VK533900 C.PP
100pF
200V
01
C103
VQ645600 C.MYLAR
100pF
50V
C104
VQ645600 C.MYLAR
100pF
50V
C106
VF466800 C.CE.TUBLR
100pF
50V
01
C107
VF466800 C.CE.TUBLR
100pF
50V
01
C108
VK533800 C.PP
47pF
200V
01
C109
VK533800 C.PP
47pF
200V
01
C110
VF466800 C.CE.TUBLR
100pF
50V
01
C111
VF466800 C.CE.TUBLR
100pF
50V
01
C112
VK533800 C.PP
47pF
200V
01
C113
VK533800 C.PP
47pF
200V
01
C115
VF466800 C.CE.TUBLR
100pF
50V
01
C116
VF466800 C.CE.TUBLR
100pF
50V
01
*
C117
VQ462600 C.MYLAR
220pF
50V
01
*
C118
VG286300 C.EL
220uF
10V
01
*
C119
VG286300 C.EL
220uF
10V
01
*
C120
VQ462600 C.MYLAR
220pF
50V
01
C121
UA952100 C.MYLAR
100pF
50V
01
C122
UU137100 C.EL
10uF
16V
C123
UA952100 C.MYLAR
100pF
50V
01
C124
UU137100 C.EL
10uF
16V
C125
VG287200 C.EL
10uF
50V
01
C126
UA954330 C.MYLAR
0.033uF 50V
01
C127
UA653910 C.MYLAR
9100pF
50V
01
C128
UA954330 C.MYLAR
0.033uF 50V
01
C129
UA653910 C.MYLAR
9100pF
50V
01
C130
VG287200 C.EL
10uF
50V
01
C131
VG287600 C.EL
100uF
25V
01
C132
VG287800 C.EL
330uF
16V
01
C133
VG287800 C.EL
330uF
16V
01
C134
VG287600 C.EL
100uF
25V
01
C135
Vi715900
C.MYLAR
2200pF
50V
01
C136
VG287600 C.EL
100uF
25V
01
C137
VG287600 C.EL
100uF
25V
01
C138
Vi715900
C.MYLAR
2200pF
50V
01
C141
UR838100 C.EL
100uF
16V
01
C142
UR838100 C.EL
100uF
16V
01
AX-496
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com