Electronic Components Datasheet Search
  English  ▼

X  

AX-396 Datasheet(PDF) 31 Page - YAMAHA CORPORATION

Part # AX-396
Description  STEREO AMPLIFIER SERVICE MANUAL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

AX-396 Datasheet(HTML) 31 Page - YAMAHA CORPORATION

Back Button AX-396 Datasheet HTML 27Page - YAMAHA CORPORATION AX-396 Datasheet HTML 28Page - YAMAHA CORPORATION AX-396 Datasheet HTML 29Page - YAMAHA CORPORATION AX-396 Datasheet HTML 30Page - YAMAHA CORPORATION AX-396 Datasheet HTML 31Page - YAMAHA CORPORATION AX-396 Datasheet HTML 32Page - YAMAHA CORPORATION AX-396 Datasheet HTML 33Page - YAMAHA CORPORATION AX-396 Datasheet HTML 34Page - YAMAHA CORPORATION AX-396 Datasheet HTML 35Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
AX-496/396
38
AX-396
Q104
VG722000 TR.DGT
DTC144ES
03
Q105
iC1815I0
TR
2SC1815 Y
01
Q106
iA1015I0
TR
2SA1015 Y
01
Q107
VP872700 TR
2SC4488 S,T
Q108
iA093320
TR
2SA933S Q,R
Q109
iA1015I0
TR
2SA1015 Y
01
Q110
VK432900 TR
2SD1915F S,T
01
Q111
iC1815I0
TR
2SC1815 Y
01
Q112
iC1815I0
TR
2SC1815 Y
01
R151
VP940400 R.MTL.OXD
100
Ω
1W
01
R152
VP940400 R.MTL.OXD
100
Ω
1W
01
*
R162
VP940800 R.MTL.OXD
470
Ω
1W
01
*
R163
VP940800 R.MTL.OXD
470
Ω
1W
01
R171
HV754100 R.CAR.FP
10
Ω
1/4W
01
ST101 BB071360 SCR.TERM
8.3x13
01
*
ST102 V5492900 SCR.TERM
SW101 VV399800 SW.PUSH
SPUN12
SW104 V2014900 SW.TACT
EVQ21304M
SW105 V2014900 SW.TACT
EVQ21304M
*
SW107 V4859200 SW.RT.ENC
REB161PHB20
SW108 VV523900 SW.PUSH
PBS-YM-001
U101
VU591000 L.DTCT
GP1U271X
*
VR101 V4915000 VR.MTR
A100K
Ω
VR103 VP700700 VR
A100K
Ω
VR105 VP742000 VR
MN100K
Ω
03
VR106 VP741800 VR
B20K
Ω
03
VR107 VP741900 VR
G25K
Ω
03
XL101 VE906000 RSNR.CE
4MHz
02
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts
Schm
Ref.
PART NO.
Description
Rank
✻ New Parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com