Electronic Components Datasheet Search
  English  ▼

X  

BFS3222D024 Datasheet(PDF) 1 Page - LOVATO Electric S.p.A.

Part # BFS3222D024
Description  THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 32A, DC COIL, 24VDC, 2NO2NC AUXILIARY CONTACT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BFS3222D024 Datasheet(HTML) 1 Page - LOVATO Electric S.p.A.

  BFS3222D024 Datasheet HTML 1Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 2Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 3Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 4Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 5Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 6Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 7Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product designation
Power contactor
Product type designation
BFS32
Contact characteristics
Number of poles
Nr.
3
Rated insulation voltage Ui IEC/EN
V
690
Rated impulse withstand voltage Uimp
kV
6
Operational frequency
min
Hz
25
max
Hz
400
IEC Conventional free air thermal current Ith ≤ 40°C
A
56
Operational current Ie
AC-1 (≤40°C)
A
56
AC-1 (≤40°C) with 16mm² wire and fork end lugA
0
AC-1 (≤55°C)
A
45
AC-1 (≤55°C) with 16mm² wire and fork end lugA
0
AC-1 (≤70°C)
A
40
AC-1 (≤70°C) with 16mm² wire and fork end lugA
0
AC-3 (≤440V ≤55°C)
A
32
AC-4 (400V)
A
13.5
Rated operational power AC-3 (T≤55°C)
230V
kW
8.8
400V
kW
16
415V
kW
17
440V
kW
17
500V
kW
20
690V
kW
22
Rated operational power AC-1 (T≤40°C)
230V
kW
21
400V
kW
36
500V
kW
45
690V
kW
62
IEC max current Ie in DC1 with L/R ≤ 1ms with 1 poles in series
≤24V
A
30
48V
A
26
75V
A
22
110V
A
8
220V
A
–
IEC max current Ie in DC1 with L/R ≤ 1ms with 2 poles in series
≤24V
A
32
48V
A
32
75V
A
28
110V
A
25
220V
A
3
IEC max current Ie in DC1 with L/R ≤ 1ms with 3 poles in series
≤24V
A
32
BFS3222D024
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 32A, DC COIL,
24VDC, 2NO+2NC AUXILIARY CONTACT
BFS3222D024
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
1 / 7


Similar Part No. - BFS3222D024

ManufacturerPart #DatasheetDescription
logo
LOVATO Electric S.p.A.
BFS3222A024 LOVATO-BFS3222A024 Datasheet
225Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 32A, AC COIL 50/60HZ, 24VAC, 2NO2NC AUXILIARY CONTACT
BFS3222A110 LOVATO-BFS3222A110 Datasheet
225Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 32A, AC COIL 50/60HZ, 110VAC, 2NO2NC AUXILIARY CONTACT
BFS3222A230 LOVATO-BFS3222A230 Datasheet
225Kb / 7P
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 32A, AC COIL 50/60HZ, 230VAC, 2NO2NC AUXILIARY CONTACT
More results

Similar Description - BFS3222D024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LADN10 ETC2-LADN10 Datasheet
88Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
LAD8N11 ETC2-LAD8N11 Datasheet
90Kb / 1P
CONTACTOR AUXILIARY CONTACT BLOCK IEC
LC1D32B7 ETC2-LC1D32B7 Datasheet
64Kb / 1P
Contactor (TeSys D) Non-Reversing, 32A(AC3) 50A(AC1), 3-Pole (3 NO)
LC1D18U7 ETC2-LC1D18U7 Datasheet
63Kb / 1P
Contactor (TeSys D) Non-Reversing, 18A(AC3) 32A(AC1), 3-Pole (3 NO)
logo
Schneider Electric
LA1KN223 SCHNEIDER-LA1KN223 Datasheet
134Kb / 2P
Auxiliary contact block, TeSys K, 2NO 2NC, front mounting, spring terminals
Sep 7, 2021
LADC223 SCHNEIDER-LADC223 Datasheet
133Kb / 2P
Auxiliary contact block, TeSys D, 2NO 2NC (inc. 1NO 1NC make before break), front, spring terminals
Sep 7, 2021
LADN223 SCHNEIDER-LADN223 Datasheet
136Kb / 3P
Auxiliary contact block, TeSys D, 2NO 2NC, front mounting, spring terminals
Sep 7, 2021
LADN226 SCHNEIDER-LADN226 Datasheet
150Kb / 3P
Auxiliary contact block, TeSys D, 2NO 2NC, front mounting, lugs-ring terminals
Sep 7, 2021
LADN22G SCHNEIDER-LADN22G Datasheet
115Kb / 2P
TeSys D - auxiliary contact block - 2NO 2NC - screw clamp terminals - EN 50012
Aug 10, 2019
LADN22P SCHNEIDER-LADN22P Datasheet
115Kb / 2P
TeSys D - auxiliary contact block - 2NO 2NC - screw clamp terminals - EN 50012
Aug 11, 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com