Electronic Components Datasheet Search
  English  ▼

X  

BFS3222D024 Datasheet(PDF) 3 Page - LOVATO Electric S.p.A.

Part # BFS3222D024
Description  THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 32A, DC COIL, 24VDC, 2NO2NC AUXILIARY CONTACT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LOVATO [LOVATO Electric S.p.A.]
Direct Link  https://www.lovatoelectric.com/gl_en/
Logo LOVATO - LOVATO Electric S.p.A.

BFS3222D024 Datasheet(HTML) 3 Page - LOVATO Electric S.p.A.

  BFS3222D024 Datasheet HTML 1Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 2Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 3Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 4Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 5Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 6Page - LOVATO Electric S.p.A. BFS3222D024 Datasheet HTML 7Page - LOVATO Electric S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
min
Nm
0.8
max
Nm
1
min
Ibin
0.8
max
Ibin
0.74
Max number of wires simultaneously connectable
Nr.
2
Conductor section
AWG/Kcmil
max
6
Flexible w/o lug conductor section
min
mm²
2.5
max
mm²
16
Flexible c/w lug conductor section
min
mm²
1
max
mm²
10
Flexible with insulated spade lug conductor section
min
mm²
1
max
mm²
10
Power terminal protection according to IEC/EN 60529
IP20 when
properly wired
Cable stripping lenght
main circuit
mm
0
command circuit
mm
0
auxiliary circuit
mm
0
Mechanical features
Operating position
normal
Vertical plan
allowable
±30°
Fixing
Screw / DIN rail
35mm
Weight
g
554
Auxiliary contact characteristics
Type of contact
0
Thermal current Ith
A
0
IEC/EN 60947-5-1 designation
A600 - Q600
Operating current AC15
230V
A
3
400V
A
1.9
500V
A
1.4
Operating current DC13
110V
A
0.55
125V
A
0.55
220V
A
0.27
600V
A
0.1
Operations
Mechanical life
cycles
20000000
Electrical life
cycles
1600000
Safety related data
Performance level B10d according to EN/ISO 13489-1
rated load
cycles
1600000
mechanical load
cycles
20000000
EMC compatibility
yes
AC coil operating
AC operating voltage
BFS3222D024
THREE-POLE SAFETY CONTACTOR, IEC OPERATING CURRENT IE (AC3) = 32A, DC COIL,
24VDC, 2NO+2NC AUXILIARY CONTACT
BFS3222D024
The characteristics described in this document are subject to updates or modifications at any time. The descriptions, technical and
functional information, illustrations and instructions in this brochure are purely illustrative, and are consequently not contractually binding
3 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com