Electronic Components Datasheet Search
  English  ▼

X  

PD55003 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PD55003
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PD55003 Datasheet HTML 7Page - STMicroelectronics PD55003 Datasheet HTML 8Page - STMicroelectronics PD55003 Datasheet HTML 9Page - STMicroelectronics PD55003 Datasheet HTML 10Page - STMicroelectronics PD55003 Datasheet HTML 11Page - STMicroelectronics PD55003 Datasheet HTML 12Page - STMicroelectronics PD55003 Datasheet HTML 13Page - STMicroelectronics PD55003 Datasheet HTML 14Page - STMicroelectronics PD55003 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
PD55003 - PD55003S
COMMON SOURCE S-PARAMETER (PD55003)
(VDS = 12.5V IDS = 0.15A)
FREQ
IS
11IIS21IIS12IS12∠Φ
IS
22IS22∠Φ
(MHz)
50
0.780
-120
21.77
106
0.038
19
0.669
-111
100
0.764
-144
11.34
88
0.040
-1
0.643
-137
150
0.786
-154
7.47
77
0.040
-10
0.634
-145
200
0.804
-159
5.45
69
0.037
-19
0.660
-149
250
0.817
-163
4.22
61
0.036
-26
0.680
-152
300
0.835
-165
3.36
55
0.034
-31
0.720
-156
350
0.852
-167
2.75
48
0.031
-36
0.766
-158
400
0.865
-169
2.28
43
0.028
-41
0.786
-160
450
0.877
-171
1.92
38
0.027
-45
0.816
-161
500
0.889
-172
1.65
34
0.025
-49
0.827
-163
550
0.899
-174
1.42
30
0.022
-52
0.847
-165
600
0.909
-175
1.24
27
0.021
-51
0.856
-167
650
0.918
-177
1.09
23
0.018
-56
0.874
-169
700
0.924
-178
0.97
20
0.018
-54
0.881
-170
750
0.926
-179
0.87
17
0.016
-61
0.895
-172
800
0.929
180
0.78
15
0.014
-62
0.906
-173
850
0.935
179
0.71
12
0.011
-56
0.916
-174
900
0.938
178
0.65
10
0.011
-63
0.913
-175
950
0.940
177
0.59
8
0.010
-62
0.925
-177
1000
0.941
176
0.55
5
0.007
-69
0.928
-178
1050
0.944
175
0.51
3
0.007
-57
0.925
-180
1100
0.947
174
0.47
1
0.006
-56
0.929
-180
1150
0.946
173
0.44
-1
0.005
-53
0.928
179
1200
0.944
172
0.41
-3
0.004
-40
0.927
178
1250
0.949
171
0.38
-5
0.004
-54
0.928
176
1300
0.949
170
0.36
-7
0.003
-63
0.940
176
1350
0.947
169
0.34
-9
0.001
-15
0.935
175
1400
0.949
168
0.31
-10
0.001
82
0.938
175
1450
0.946
167
0.29
-12
0.002
76
0.933
174
1500
0.948
167
0.27
-12
0.002
124
0.939
173
S
11∠Φ
S
21∠Φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com