Electronic Components Datasheet Search
  English  ▼

X  

CS101 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # CS101
Description  Standard Cell
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS101 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button CS101 Datasheet HTML 3Page - fujitsu semiconductor CS101 Datasheet HTML 4Page - fujitsu semiconductor CS101 Datasheet HTML 5Page - fujitsu semiconductor CS101 Datasheet HTML 6Page - fujitsu semiconductor CS101 Datasheet HTML 7Page - fujitsu semiconductor CS101 Datasheet HTML 8Page - fujitsu semiconductor CS101 Datasheet HTML 9Page - fujitsu semiconductor CS101 Datasheet HTML 10Page - fujitsu semiconductor CS101 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CS101 Series
7
■ ELECTRICAL CHARACTERISTICS
• Dual power supply : VDDE = 1.8 V, VDDI = 1.0 V/VDDI = 1.2 V
(VDDE
= 1.8 V ± 0.15 V, VDDI = 1.0 V ± 0.1 V/VDDI = 1.2 V ± 0.1 V, VSS = 0 V, Tj = −40 °C to +125 °C)
* : The input leakage current may exceed the above value when an input buffer with pull-up or pull-down resistor
is used.
• Dual power supply : VDDE = 2.5 V, VDDI = 1.0 V/VDDI = 1.2 V
(VDDE
= 2.5 V ± 0.2 V, VDDI = 1.0 V ± 0.1 V/VDDI = 1.2 V ± 0.1 V, VSS = 0 V, Tj = −40 °C to +125 °C)
* : The input leakage current may exceed the above value when an input buffer with pull-up or pull-down resistor
is used.
• Dual power supply : VDDE = 3.3 V, VDDI = 1.0 V/VDDI = 1.2 V
(VDDE
= 3.3 V ± 0.3 V, VDDI = 1.0 V ± 0.1 V/VDDI = 1.2 V ± 0.1 V, VSS = 0 V, Tj = −40 °C to +125 °C)
* : The input leakage current may exceed the above value when an input buffer with pull-up or pull-down resistor
is used.
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
“H” level output voltage
VOH
1.8 V output,
IOH
= −100 μA
VDDE
− 0.2
⎯
VDDE
V
“L” level output voltage
VOL
1.8 V output,
IOL
= 100 μA
0
⎯
0.2
V
Input leakage current*
IL
⎯
− 10
⎯
+ 10
μA
Pull-up/Pull-down resistor
RP
1.8 V
VIL
= 0 V at pull-up/
VIH
= VDDE at pull-down
40
80
155
k
Ω
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
“H” level output voltage
VOH
2.5 V output,
IOH
= −100 μA
VDDE
− 0.2
⎯
VDDE
V
“L” level output voltage
VOL
2.5 V output,
IOL
= 100 μA
0
⎯
0.2
V
Input leakage current*
IL
⎯
− 10
⎯
+ 10
μA
Pull-up/Pull-down resistor
RP
2.5 V
VIL
= 0 V at pull-up/
VIH
= VDDE at pull-down
25
50
85
k
Ω
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
“H” level output voltage
VOH
3.3 V output,
IOH
= −100 μA
VDDE
− 0.2
⎯
VDDE
V
“L” level output voltage
VOL
3.3 V output,
IOL
= 100 μA
0
⎯
0.2
V
Input leakage current*
IL
⎯−10
⎯
+ 10
μA
Pull-up/Pull-down resistor
RP
3.3 V
VIL
= 0 V at pull-up/
VIH
= VDDE at pull-down
15
33
70
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com