Electronic Components Datasheet Search
  English  ▼

X  

CS101 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # CS101
Description  Standard Cell
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

CS101 Datasheet(HTML) 3 Page - fujitsu semiconductor

  CS101 Datasheet HTML 1Page - fujitsu semiconductor CS101 Datasheet HTML 2Page - fujitsu semiconductor CS101 Datasheet HTML 3Page - fujitsu semiconductor CS101 Datasheet HTML 4Page - fujitsu semiconductor CS101 Datasheet HTML 5Page - fujitsu semiconductor CS101 Datasheet HTML 6Page - fujitsu semiconductor CS101 Datasheet HTML 7Page - fujitsu semiconductor CS101 Datasheet HTML 8Page - fujitsu semiconductor CS101 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CS101 Series
3
■ COMPILED CELL
Compiled cells are macro cells which are automatically generated with the bit/word configuration specified. The
CS101 series has the following types of compiled cells. (Note that each macro is different in word/bit range
depending on the column type.)
1.
Clock synchronous single-port RAM (1 address : 1 read/write)
2.
Clock synchronous dual port RAM (2 address : 2 read/write)
3.
Clock synchronous ROM
4.
Clock synchronous register file (2 address : 1 read, 1 write)
5.
Clock synchronous register file (4 address : 2 read, 2 write)
■ LARGE CAPACITY MEMORY
Clock synchronous single-port RAM (1 address : 1 read/write)
Column type
Memory capacity (bit)
Word range (word)
Bit range (bit)
4
16 to 144 K
16 to 1 K
1 to 144
8
32 to 576 K
32 to 8 K
1 to 72
16
64 to 576 K
64 to 16 K
1 to 36
Column type (bit)
Memory capacity (bit)
Word range (word)
Bit range (bit)
4
16 to 144 K
8 to 1 K
2 to 144
16
64 to 144 K
32 to 4 K
2 to 36
Column type
Memory capacity (bit)
Word range (word)
Bit range (bit)
16
256 to 4 M
128 to 16 K
2 to 256
64
1 K to 4 M
512 to 64 K
2 to 64
Column type
Memory capacity (bit)
Word range (word)
Bit range (bit)
1
8 to 18 K
4 to 128
2 to 144
Column type
Memory capacity (bit)
Word range (word)
Bit range (bit)
1
8 to 18 K
4 to 128
2 to 144
Column type
Memory capacity (bit)
Word range (word)
Bit range (bit)
16
64 K to 9 M
8 K to 64 K
8 to 144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com