Electronic Components Datasheet Search
  English  ▼

X  

FFV3 Datasheet(PDF) 2 Page - AVX Corporation

Part # FFV3
Description  Medium Power Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFV3 Datasheet(HTML) 2 Page - AVX Corporation

  FFV3 Datasheet HTML 1Page - AVX Corporation FFV3 Datasheet HTML 2Page - AVX Corporation FFV3 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
11
HOT SPOT CALCULATION
DC FILTERING
POLYESTER DIELECTRIC
Medium Power Film Capacitors
FFV3 for Low Voltage Applications
50
°C
60
°C
70
°C
85
°C
95
°C
105
°C
1.2
1.1
1.0
0.8
0.9
0.7
0.6
0.5
0.4
0.3
100
1000
10000
Lifetime Expectancy (hours)
100000
Capacitance
Irms max.
(I2t)10 shots
(I2t)1000 shots
Rs
Rth
Part Number
(µF)
(A)
(A2s)
(A2s)
(m )
(°C/W)
Vndc = 75 V
Vrms = 45 v max
130
23
370
37
0.56
5.60
FFV34D0137K--
160
28
560
56
0.47
5.00
FFV34D0167K--
Vndc = 100 V
Vrms = 60 v max
80
19
250
25
0.67
6.16
FFV34E0806K--
100
24
390
39
0.55
5.42
FFV34E0107K--
Vndc = 160 V
Vrms = 75 v max
55
17
180
18
0.77
6.56
FFV34F0556K--
65
20
260
26
0.66
5.97
FFV34F0656K--
Vndc = 300 V
Vrms = 90 v max
40
20
150
15
2.80
9.58
FFV34H0406K--
50
26
230
23
2.25
8.46
FFV34H0506K--
Vndc = 400 V
Vrms = 105 v max
30
17
110
11
2.93
9.92
FFV34I0306K--
40
23
200
20
2.21
8.41
FFV34I0406K--
LIFETIME EXPECTANCY vs Vw/Vn AND HOT SPOT TEMPERATURE
Capacitance range Cn
30µF to 160µF
Tolerance on Cn
±10%
Rated DC voltage Vndc
75 to 400 V
Dielectric
polyester
ELECTRICAL CHARACTERISTICS
θhot spot = θambient + (Pd + Pt) x (Rth + 7.4)
θhot spot = θcase + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
⇒ [ 12 x Cn x (Vpeak to peak)2 x f ] x tgδ0
(see tg
δ0 curves page 3)
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farad
Irms in Ampere
f in Hertz
V in Volt
Rs in Ohm
θ in °C
Rth in °C/W
Rth : Rth case/hot spot in °C/W
Vw = Permanent working
or operating DC voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com