Electronic Components Datasheet Search
  English  ▼

X  

FFV3 Datasheet(PDF) 1 Page - AVX Corporation

Part # FFV3
Description  Medium Power Film Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFV3 Datasheet(HTML) 1 Page - AVX Corporation

  FFV3 Datasheet HTML 1Page - AVX Corporation FFV3 Datasheet HTML 2Page - AVX Corporation FFV3 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10
Climatic category
40/105/56 (IEC 60068)
Test voltage between terminals @ 25°C
1.5 x Vndc during 10s
Test voltage between terminals
and case @ 25°C
@ 4 kVrms @ 50 Hz during 1 min.
ELECTRICAL CHARACTERISTICS
Medium Power Film Capacitors
FFV3 General Description
The series uses a non-impregnated metallized polypropylene
or polyester dielectric, with the controlled self-healing process,
specially treated to have a very high dielectric strength in oper-
ating conditions up to 105°C.
The FFV3 has been designed for printed circuit board mounting.
DC FILTERING
APPLICATIONS
The FFV3 capacitors are particularly designed for DC filter-
ing, low reactive power.
PACKAGING
Self-extinguishing plastic case (V0 = in accordance with UL 94)
filled thermosetting resin.
Self-extinguishing thermosetting resin (V0 = in accordance with
UL 94; I3F2 = in accordance with NF F 16-101).
LIFETIME EXPECTANCY
One unique feature of this technology (as opposed to elec-
trolytics) is how the capacitor reacts at the end of its lifetime.
Whereas, with an electrolytic, there is a strong risk of explo-
sion of the case. However, with our line of film capacitors, the
capacitor will simply experience at the end of life a loss of
capacitance of about 2%, with no risk of explosion.
Please note that this is theoretical, however, as the capacitor
continues to be functional even after this 2% decrease.
STANDARDS
IEC 61071-1, IEC 61071-2: Power electronic capacitors
IEC 60384-16: Fixed metallized polypropylene
film dielectric DC capacitors
IEC 60384-16-1: Fixed metallized polypropylene
film dielectric DC capacitors
Assessment level E
IEC 60384-17: Fixed metallized polypropylene
film dielectric AC and pulse
capacitors
IEC 60384-17-1: Fixed metallized polypropylene
film dielectric AC and pulse
capacitors
Assessment level E
IEC 60384-2: Fixed metallized polyester
capacitors
2
4
1
3
1.2 (0.048) B
30 (1.181)
25 (0.984)
1.2 (0.047)
±0.1 (0.004)
4.5 (0.178)
±1 (0.040)
B
A
General tolerance:
±0.5 (±0.020)
Dimensions: millimeters (inches)
1
2
3
4
0.6 (0.024) A
Plastic Case
40 (1.575)
40 (1.575)
16 (0.630)
36 (1.418)
0.8 (0.032)
±0.1 (0.004)


Similar Part No. - FFV3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFV34AK AVX-FFV34AK Datasheet
161Kb / 3P
Medium Power Film Capacitors
FFV34CK AVX-FFV34CK Datasheet
161Kb / 3P
Medium Power Film Capacitors
FFV34D0137K AVX-FFV34D0137K Datasheet
104Kb / 4P
Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFV34D0167K AVX-FFV34D0167K Datasheet
104Kb / 4P
Medium Power Film Capacitors FFV3 (RoHS Compliant)
FFV34DK AVX-FFV34DK Datasheet
161Kb / 3P
Medium Power Film Capacitors
More results

Similar Description - FFV3

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
Medium Power Film Capacitors
FFB44D0336K AVX-FFB44D0336K Datasheet
104Kb / 4P
Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
Medium Power Film Capacitors
FE27G6K0685KA AVX-FE27G6K0685KA Datasheet
179Kb / 4P
Medium Power Film Capacitors
FFB44E0476K AVX-FFB44E0476K Datasheet
128Kb / 5P
Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
Medium Power Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com