Electronic Components Datasheet Search
  English  ▼

X  

1147090000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1147090000
Description  BLF 5.08HC/18/180 SN BK BX
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1147090000 Datasheet(HTML) 1 Page - Weidmuller

  1147090000 Datasheet HTML 1Page - Weidmuller 1147090000 Datasheet HTML 2Page - Weidmuller 1147090000 Datasheet HTML 3Page - Weidmuller 1147090000 Datasheet HTML 4Page - Weidmuller 1147090000 Datasheet HTML 5Page - Weidmuller 1147090000 Datasheet HTML 6Page - Weidmuller 1147090000 Datasheet HTML 7Page - Weidmuller 1147090000 Datasheet HTML 8Page - Weidmuller 1147090000 Datasheet HTML 9Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Data sheet
BLF 5.08HC/18/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Just as reliable as the millionfold proven original and fea-
turing innovative details:
The BLF 5.08HC PUSH IN version of the BLZP 5.08HC
female connector is not only different in terms of connec-
tion system; it also has a more compact design. Weid-
müller's innovative PUSH IN spring connection system
stands for the future of easy and tool-free wire connec-
tion. HC = High Current.
In terms of versatility, the BLF 5.08HC offers just as much
as the version which served as a model:
• 3 tested-and-proven wire outlet directions provide the
usual flexibility for application-specific design
• 4 flange variations and the patented release latch allow
the locking concept to be based on the requirements of
the user
• Use the BLF 5.08HC and SL 5.08HC plug combination
to reach the max. rated specifications
General ordering data
 
Version
PCB plug-in connector, female plug, 5.08 mm,
Number of poles: 18, 180°, PUSH IN with actua-
tor, Clamping range, max. : 3.31 mm², Box
Order No.
1013610000
Type
BLF 5.08HC/18/180 SN BK BX
GTIN (EAN)
4032248721740
Qty.
18 items
Product data
IEC: 400 V / 24 A / 0.2 - 2.5 mm²
UL: 300 V / 18.5 A / AWG 26 - AWG 12
Packaging
Box
 
 
Creation date 02.03.2026 05:02:06 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1147090000

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
114709 ADELS-114709 Datasheet
124Kb / 2P
900-07/ 9 DS
More results

Similar Description - 1147090000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1013430000 WEIDMULLER-1013430000 Datasheet
74Kb / 4P
BLF 5.08/02/180 SN BK BX
1013440000 WEIDMULLER-1013440000 Datasheet
74Kb / 4P
BLF 5.08/03/180 SN BK BX
1013450000 WEIDMULLER-1013450000 Datasheet
74Kb / 4P
BLF 5.08/04/180 SN BK BX
1013470000 WEIDMULLER-1013470000 Datasheet
74Kb / 4P
BLF 5.08/06/180 SN BK BX
1013490000 WEIDMULLER-1013490000 Datasheet
74Kb / 4P
BLF 5.08/08/180 SN BK BX
1013520000 WEIDMULLER-1013520000 Datasheet
74Kb / 4P
BLF 5.08/10/180 SN BK BX
1013540000 WEIDMULLER-1013540000 Datasheet
74Kb / 4P
BLF 5.08/12/180 SN BK BX
1013580000 WEIDMULLER-1013580000 Datasheet
74Kb / 4P
BLF 5.08/16/180 SN BK BX
1013690000 WEIDMULLER-1013690000 Datasheet
74Kb / 4P
BLF 5.08/03/180 SN OR BX
1017680000 WEIDMULLER-1017680000 Datasheet
75Kb / 4P
BLF 5.00/03/180 SN BK BX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com