Electronic Components Datasheet Search
  English  ▼

X  

1147090000 Datasheet(PDF) 13 Page - Weidmuller

Part # 1147090000
Description  BLF 5.08HC/18/180 SN BK BX
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1147090000 Datasheet(HTML) 13 Page - Weidmuller

Back Button 1147090000 Datasheet HTML 9Page - Weidmuller 1147090000 Datasheet HTML 10Page - Weidmuller 1147090000 Datasheet HTML 11Page - Weidmuller 1147090000 Datasheet HTML 12Page - Weidmuller 1147090000 Datasheet HTML 13Page - Weidmuller 1147090000 Datasheet HTML 14Page - Weidmuller 1147090000 Datasheet HTML 15Page - Weidmuller 1147090000 Datasheet HTML 16Page - Weidmuller 1147090000 Datasheet HTML 17Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data sheet
BLF 5.08HC/18/180 SN BK BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Counterpart
 
SL 5.08HC/180
Pin headers in glass-fibre-reinforced plastic with straight
wire outlet; optimised for wave soldering. The flange
variant (F) can be screwed onto the respective counter
piece or the circuit board. There is no need for an extra
screw to connect the circuit board when the solder flange
(LF) version is used. This also protects the solder points
from mechanical strain. All pin headers can be manually
coded or ordered pre-coded. HC = High Current.
General ordering data
Type
SL 5.08HC/18/180 3.2SN … Version
Order No.
1148450000
GTIN (EAN) 4032248935208
Qty.
20 ST
PCB plug-in connector, male header, open side, THT solder
connection, 5.08 mm, Number of poles: 18, 180°, Solder pin length
(l): 3.2 mm, tinned, black, Box
Type
SL 5.08HC/18/180 3.2SN … Version
Order No.
1146630000
GTIN (EAN) 4032248933037
Qty.
20 ST
PCB plug-in connector, male header, open side, THT solder
connection, 5.08 mm, Number of poles: 18, 180°, Solder pin length
(l): 3.2 mm, tinned, orange, Box
SL 5.08HC/180B
Pin headers in glass-fibre-reinforced plastic with straight
wire outlet; optimised for wave soldering. The flange
variant (F) can be screwed onto the respective counter
piece or the circuit board. There is no need for an extra
screw to connect the circuit board when the solder flange
(LF) version is used. This also protects the solder points
from mechanical strain. All pin headers can be manually
coded or ordered pre-coded. HC = High Current.
General ordering data
Type
SL 5.08HC/18/180B 3.2SN… Version
Order No.
1149930000
GTIN (EAN) 4032248935468
Qty.
20 ST
PCB plug-in connector, male header, Dovetails for fixing blocks, THT
solder connection, 5.08 mm, Number of poles: 18, 180°, Solder pin
length (l): 3.2 mm, tinned, black, Box
Type
SL 5.08HC/18/180B 3.2SN… Version
Order No.
1147830000
GTIN (EAN) 4032248934584
Qty.
20 ST
PCB plug-in connector, male header, Dovetails for fixing blocks, THT
solder connection, 5.08 mm, Number of poles: 18, 180°, Solder pin
length (l): 3.2 mm, tinned, orange, Box
 
Creation date 02.03.2026 05:02:06 MEZ
 
Catalogue status / Drawings
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com