Electronic Components Datasheet Search
  English  ▼

X  

THS6182DWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS6182DWPR
Description  LOW-POWER DISSIPATION ADSL LINE DRIVER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6182DWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS6182DWPR Datasheet HTML 9Page - Texas Instruments THS6182DWPR Datasheet HTML 10Page - Texas Instruments THS6182DWPR Datasheet HTML 11Page - Texas Instruments THS6182DWPR Datasheet HTML 12Page - Texas Instruments THS6182DWPR Datasheet HTML 13Page - Texas Instruments THS6182DWPR Datasheet HTML 14Page - Texas Instruments THS6182DWPR Datasheet HTML 15Page - Texas Instruments THS6182DWPR Datasheet HTML 16Page - Texas Instruments THS6182DWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.ti.com
−85
−80
−75
−70
−65
−60
−55
−50
−45
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 50 Ω
RF = 1 kΩ
VO = 2 VPP
−85
−80
−75
−70
−65
−60
−55
−50
−45
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 5
RL = 50 Ω
RF = 1 kΩ
VO = 2 VPP
−100
−90
−80
−70
−60
−50
−40
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 5
RL = 200 Ω
RF = 1 kΩ
VO = 2 VPP
−100
−90
−80
−70
−60
−50
−40
−30
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 10
RL = 200 Ω
RF = 1 kΩ
VO = 2 VPP
−100
−90
−80
−70
−60
−50
−40
−30
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 10
RL = 200 Ω
RF = 1 kΩ
VO = 2 VPP
−100
−90
−80
−70
−60
−50
−40
−30
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 10
RL = 50 Ω
RF = 1 kΩ
VO = 2 VPP
−100
−90
−80
−70
−60
−50
−40
−30
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±5 V
Gain = 5
RL = 200 Ω
RF = 1 kΩ
VO = 2 VPP
−100
−90
−80
−70
−60
−50
−40
−30
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 5
RL = 200 Ω
RF = 1 kΩ
VO = 2 VPP
−100
−90
−80
−70
−60
−50
−40
−30
f − Frequency − Hz
Full Bias
Low Bias
Mid Bias
Differential configuration
100 k
1 M
10 M
100 M
VCC = ±12 V
Gain = 10
RL = 50 Ω
RF = 1 kΩ
VO = 2 VPP
THS6182
SLLS544H – SEPTEMBER 2002 – REVISED JUNE 2007
2ND HARMONIC DISTORTION
2ND HARMONIC DISTORTION
2ND HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 50.
Figure 51.
Figure 52.
3RD HARMONIC DISTORTION
3RD HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 53.
Figure 54.
Figure 55.
3RD HARMONIC DISTORTION
3RD HARMONIC DISTORTION
3RD HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 56.
Figure 57.
Figure 58.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com