Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 15Page - Texas Instruments ADS5481 Datasheet HTML 16Page - Texas Instruments ADS5481 Datasheet HTML 17Page - Texas Instruments ADS5481 Datasheet HTML 18Page - Texas Instruments ADS5481 Datasheet HTML 19Page - Texas Instruments ADS5481 Datasheet HTML 20Page - Texas Instruments ADS5481 Datasheet HTML 21Page - Texas Instruments ADS5481 Datasheet HTML 22Page - Texas Instruments ADS5481 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
www.ti.com
ADS5517
SLWS203 – DECEMBER 2007
Table 12. Serial Register D
A7 – A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
68
<GAIN> GAIN PROGRAMMING <GAIN> - 1 dB to 6 dB
D3 — D0
<GAIN> Gain programmability
1000
0 dB gain, default after reset
1001
1 dB
1010
2 dB
1011
3 dB
1100
4 dB
1101
5 dB
1110
6 dB
Table 13. Serial Register E
A7 – A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
69
<CUSTOM A> CUSTOM PATTERN (D4 TO D0)
6A
<CUSTOM B> CUSTOM PATTERN (D10 TO D5)
Reg 69
D7 — D3
Program bits D4 to D0 of custom pattern
Reg 6A
D5 — D0
Program bits D10 to D5 of custom pattern
Table 14. Serial Register F
A7 – A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
6B
<CLKIN GAIN> INPUT CLOCK BUFFER GAIN PROGRAMMABILITY
D5 - D0
<CLKIN GAIN> Input clock buffer gain programming
110010
Gain 4, maximum gain
101010
Gain 3
100110
Gain 2
100000
Gain1, default after reset
100011
Gain 0 minimum gain
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com