Electronic Components Datasheet Search
  English  ▼

X  

ADS5481 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5481
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5481 Datasheet HTML 23Page - Texas Instruments ADS5481 Datasheet HTML 24Page - Texas Instruments ADS5481 Datasheet HTML 25Page - Texas Instruments ADS5481 Datasheet HTML 26Page - Texas Instruments ADS5481 Datasheet HTML 27Page - Texas Instruments ADS5481 Datasheet HTML 28Page - Texas Instruments ADS5481 Datasheet HTML 29Page - Texas Instruments ADS5481 Datasheet HTML 30Page - Texas Instruments ADS5481 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
www.ti.com
f
− InputFrequency − MHz
IN
62
65
66
67
0
50
100 150 200 250 300 350 400
69
68
63
64
61
450 500
62
f
InputFrequency
MHz
IN -
-
86
82
78
74
70
66
0
500
250
50
200
150
100
450
400
90
350
300
f
− InputFrequency − MHz
IN
84
88
92
80
72
76
64
68
0
50 100 150 200 250 300 350 400 450 500
96
3dB
0dB
2dB
6dB
4dB
1dB
5dB
f
− InputFrequency − MHz
IN
67
68
66
64
65
0
50
100
150
200
250
300
350
400
2dB 3dB
0dB
5dB
6dB
1dB
4dB
450
AV
SupplyVoltage
V
DD -
-
84
86
80
3.6
3.3
3.2
3.1
3
3.5
3.4
78
67
SFDR
SNR
82
70
66
68
69
F
=50.1MHz
DRV
=3.3V
IN
DD
DRV
− SupplyV
DD
oltage − V
83
84
85
86
87
3.0
3.1
3.2
3.3
3.4
3.5
3.6
67
68
66
69
70
SNR
SFDR
f
=50.1MHz
AV
IN
DD =3.3V
ADS5517
SLWS203 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 200 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS data
output (unless otherwise noted)
SFDR vs INPUT FREQUENCY
SNR vs INPUT FREQUENCY
Figure 15.
Figure 16.
SFDR vs GAIN
SNR vs GAIN
Figure 17.
Figure 18.
PERFORMANCE vs AVDD
PERFORMANCE vs DRVDD
Figure 19.
Figure 20.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5517



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com