Electronic Components Datasheet Search
  English  ▼

X  

ICS557-03 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICS557-03
Description  2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-03 Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICS557-03 Datasheet HTML 1Page - Renesas Technology Corp ICS557-03 Datasheet HTML 2Page - Renesas Technology Corp ICS557-03 Datasheet HTML 3Page - Renesas Technology Corp ICS557-03 Datasheet HTML 4Page - Renesas Technology Corp ICS557-03 Datasheet HTML 5Page - Renesas Technology Corp ICS557-03 Datasheet HTML 6Page - Renesas Technology Corp ICS557-03 Datasheet HTML 7Page - Renesas Technology Corp ICS557-03 Datasheet HTML 8Page - Renesas Technology Corp ICS557-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ICS557-03
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
PCIE SSCG
IDT®
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
5
ICS557-03
REV U 112111
LVDS Compatible Layout Guidelines
LVDS Device Routing
Typical LVDS Waveform
Vdiff
Vp-p
Vcm
R1
R2
R3
R4
Note
0.45v
0.22v
1.08
33
150
100
100
0.58
0.28
0.6
33
78.7
137
100
0.80
0.40
0.6
33
78.7
none
100
ICS874003i-02 input compatible
0.60
0.3
1.2
33
174
140
100
Standard LVDS
R1a = R1b = R1
R2a = R2b = R2
Alternative T ermination for LVDS and other Common Differential Signals
HCSL Output Buffer
L1
L1'
R1b
L2
L2'
R1a
L4'
L4
L3
R2a
R2b
Down Device
REF_CLK Input
Figure 3
L3'
R3
R4
1150 mV
1250 mV
t
OR
t
OF
500 ps
500 ps
1325 mV
1000 mV
1150 mV
1250 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com