Electronic Components Datasheet Search
  English  ▼

X  

ICS557-03 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS557-03
Description  2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS557-03 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS557-03 Datasheet HTML 1Page - Renesas Technology Corp ICS557-03 Datasheet HTML 2Page - Renesas Technology Corp ICS557-03 Datasheet HTML 3Page - Renesas Technology Corp ICS557-03 Datasheet HTML 4Page - Renesas Technology Corp ICS557-03 Datasheet HTML 5Page - Renesas Technology Corp ICS557-03 Datasheet HTML 6Page - Renesas Technology Corp ICS557-03 Datasheet HTML 7Page - Renesas Technology Corp ICS557-03 Datasheet HTML 8Page - Renesas Technology Corp ICS557-03 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATASHEET
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
ICS557-03
IDT®
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
1
ICS557-03
REV U 112111
Description
The ICS557-03 is a spread spectrum clock generator that
supports PCI-Express Gen 1 and Ethernet requirements.
The device is used for PC or embedded systems to
substantially reduce electromagnetic interference (EMI).
The device provides two differential (HCSL) spread
spectrum outputs. The spread type and amount are
configured via select pin. Using IDT’s patented
Phase-Locked Loop (PLL) techniques, the device takes a
25 MHz crystal input and produces two pairs of differential
outputs at 25 MHz, 100 MHz, 125 MHz or 200 MHz clock
frequencies for HCSL, and 25 MHz or 100 MHz for LVDS.
Features
• Packaged in 16-pin TSSOP
• RoHS 5 (green) or RoHS 6 (green and lead free)
compliant packaging
• Supports HCSL or LVDS output levels
• Operating voltage of 3.3 V
• Input frequency of 25 MHz
• Jitter 60 ps (cycle-to-cycle)
• Spread Spectrum capability
• Industrial and commercial temperature ranges
• For PCIe Gen2 applications, see the 5V41065
• For PCIe Gen3 applications, see the 5V41235
Block Diagram
Phase Lock Loop
Clock
Buffer/
Crystal
Oscillator
VDD
GND
X1/ICLK
X2
25 MHz
crystal or clock
Control
Logic
SS1:SS0
2
S1:S0
2
CLK0
CLK0
Rr(IREF)
CLK1
CLK1
2
2
OE
Optional tuning crystal
capacitors


Similar Part No. - ICS557-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
PCI-EXPRESS CLOCK SOURCE
Revision 061005
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
PCI-EXPRESS CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results

Similar Description - ICS557-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-03 ICST-ICS557-03 Datasheet
225Kb / 9P
PCI-EXPRESS CLOCK SOURCE
Revision 061005
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
PCI-EXPRESS CLOCK SOURCE
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Silicon Laboratories
SI50122-A1 SILABS-SI50122-A1 Datasheet
1Mb / 14P
CRYSTAL-LESS PCI-EXPRESS GEN1 DUAL OUTPUT CLOCK GENERATOR
logo
Renesas Technology Corp
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
PCI-EXPRESS GEN1 CLOCK SOURCE
072512
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com