Electronic Components Datasheet Search
  English  ▼

X  

574 Datasheet(PDF) 2 Page - CTS Corporation

Part # 574
Description  Stratum 3 TCXO/TCVCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

574 Datasheet(HTML) 2 Page - CTS Corporation

  574 Datasheet HTML 1Page - CTS Corporation 574 Datasheet HTML 2Page - CTS Corporation 574 Datasheet HTML 3Page - CTS Corporation 574 Datasheet HTML 4Page - CTS Corporation 574 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL 574
Stratum 3 TCXO/TCVCXO
Document No. 574 Data Sheet
Page 2 - 5
Rev. X2
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ Phone 630-924-3500 ٠ www.ctscorp.com ٠ Toll Free 800-757-6686 ٠ ٠ ٠
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
Range
VCC
-
2.4
-
5.5
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency
fO
-
6.4
10.0, 12.8,
16.384, 19.44,
20.0
20
MHz
Initial Frequency Accuracy
@ 25°C
∆f/fO
At time of Shipment
Vc @ 0.5 VCC (with Vcontrol option)
-
0.1
±0.25
ppm
Operating Temperature
TA
-
0
25
70
°C
Temperature Stability
∆f/fO
-
±0.20
±0.28
ppm
Operating Supply Voltage
VCC
±5%
3.135
4.75
3.300
5.00
3.465
5.25
V
Supply Current
ICC
CL = 15 pf
Vcc +5%
-
6
10
mA
Output Load
CL
Output to Ground
-
15
-
pF
Output Voltage Levels
Logic '1' Level
VOH
CL = 15 pf
0.9 VCC
0.95 VCC
-
V
Logic '0' Level
VOL
CL = 15 pf
-
0.1 VCC
0.5
V
Output Current
mA
Logic '1' Level
IOH
VOH = 0.9 VCC , VCC @typical
-
-
-8
mA
Logic '0' Level
IOL
VOL = 0.1 VCC , VCC @typical
-
-
+8
mA
Output Duty Cycle
SYM
@ 50% Waveform Level
45
-
55
%
Rise and Fall Time
from 10% to 90% of waveform
-
3
6
ns
Start Up Time
TS
Output level to 90%
-
-
2
ms
Enable Function
VIO
Pin 2 No Connect , Output Enabled
Enable Input Voltage
VIH
Pin 2 Logic '1', Output Enabled
0.7 Vcc
-
-
V
Disable Input Voltage
VIL
Pin 2 Logic '0', Output Disabled
-
-
0.3 Vcc
V
Pushing
VCC ±5%
-
±0.050
±0.100
ppm
Pulling
CL =15pF ±10%
-
±0.050
±0.100
ppm
Vcontrol OPTION
(0.5 VCC VDC nominal)
Vc
Vc = 0.1 VCC to 0.9 VCC
Positive, monotonic slope
±9.2
±12
±18
ppm
Vc Input Impedance
Zin
100
-
-
K ohms
24 hour holdover
TA= 0°C to +70°C, VCC ±5% , and
24 hours aging
-
±0.300
±0.350
ppm
Lifetime accuracy 20 years
All factors (ref. to fO)
-
±4.0
±4.6
ppm
Aging
One Year Aging
-
0.5
-
ppm
Twenty Year Aging
-
2.5
4.0
ppm
Phase Noise
10Hz
-
-85
-80
dBc
100Hz
-
-115
-110
dBc
1Khz
-
-140
-135
dBc
10Khz
-
-155
-150
dBc
Noise floor
-
-160
-150
dBc
Phase Jitter
tjms
Bandwidth 12 kHz - 20 MHz
-
0.4
1.0
ps RMS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com