Electronic Components Datasheet Search
  English  ▼

X  

574 Datasheet(PDF) 3 Page - CTS Corporation

Part # 574
Description  Stratum 3 TCXO/TCVCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

574 Datasheet(HTML) 3 Page - CTS Corporation

  574 Datasheet HTML 1Page - CTS Corporation 574 Datasheet HTML 2Page - CTS Corporation 574 Datasheet HTML 3Page - CTS Corporation 574 Datasheet HTML 4Page - CTS Corporation 574 Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL 574
Stratum 3 TCXO/TCVCXO
Document No. 574 Data Sheet
Page 3 - 5
Rev. X2
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ Phone 630-924-3500 ٠ www.ctscorp.com ٠ Toll Free 800-757-6686 ٠ ٠ ٠
CMOS/TTL OUTPUT WAVEFORM
ENABLE TRUTH TABLE
PERIOD (T)
90%, 80%, 2.4V
50%, 1.5V
10%, 20%, 0.5V
DUTY CYCLE = t/T x 100 (%)
V
V
OH
OL
Tr
Tf
UPTIME (t)
PIN 2
PIN 4 Output
Logic ‘1’
Enabled
Open
Enabled
Logic ‘0’
Disabled
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING
6
5
4
2
3
1
2
3
6
5
4
Pad Termination Finish: Gold Flash<10 micro inch, over Ni plated Cu



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com