Electronic Components Datasheet Search
  English  ▼

X  

P6KE30A Datasheet(PDF) 2 Page - STMicroelectronics

Part # P6KE30A
Description  UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE30A Datasheet(HTML) 2 Page - STMicroelectronics

  P6KE30A Datasheet HTML 1Page - STMicroelectronics P6KE30A Datasheet HTML 2Page - STMicroelectronics P6KE30A Datasheet HTML 3Page - STMicroelectronics P6KE30A Datasheet HTML 4Page - STMicroelectronics P6KE30A Datasheet HTML 5Page - STMicroelectronics P6KE30A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
I
I F
VF
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage.
VBR
Breakdown voltage.
VCL
Clamping voltage.
IRM
Leakage current @ VRM.
IPP
Surge current.
αT
Voltage temperature coefficient.
VF
Forward Voltage drop.
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C)
TYPES
IRM @VRM
VBR
@IR
VCL @IPP
VCL
@IPP
αTC
max
min
nom
max
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
V
VVV
mA
VA
V
A
10
-4/°CpF
P6KE6V8A
P6KE6.8CA
1000
5.8
6.45
6.8
7.14
10
10.5
57
13.4
298
5.7
4000
P6KE7V5A
P6KE7.5CA
500
6.4
7.13
7.5
7.88
10
11.3
53
14.5
276
6.1
3700
P6KE10A
P6KE10CA
10
8.55
9.5
10
10.5
1
14.5
41
18.6
215
7.5
2800
P6KE12A
P6KE12CA
5
10.2
11.4
12
12.6
1
16.7
36
21.7
184
7.8
2300
P6KE15A
P6KE15CA
1
12.8
14.3
15
15.8
1
21.2
28
27.2
147
8.4
1900
P6KE18A
P6KE18CA
1
15.3
17.1
18
18.9
1
25.2
24
32.5
123
8.8
1600
P6KE22A
P6KE22CA
1
18.8
20.9
22
23.1
1
30.6
20
39.3
102
9.2
1350
P6KE24A
P6KE24CA
1
20.5
22.8
24
25.2
1
33.2
18
42.8
93
9.4
1250
P6KE27A
P6KE27CA
1
23.1
28.7
27
28.4
1
37.5
16
48.3
83
9.6
1150
P6KE30A
P6KE30CA
1
25.6
28.5
30
31.5
1
41.5
14.5
53.5
75
9.7
1075
P6KE33A
P6KE33CA
1
28.2
31.4
33
24.7
1
45.7
13.1
59
68
9.8
1000
P6KE36A
P6KE36CA
1
30.8
34.2
36
37.8
1
49.9
12
64.3
62
9.9
950
P6KE39A
P6KE39CA
1
33.3
37.1
39
41.0
1
53.9
11.1
69.7
57
10.0
900
P6KE47A
P6KE47CA
1
40.2
44.7
47
49.4
1
64.8
9.3
84
48
10.1
800
P6KE56A
P6KE56CA
1
47.8
53.2
56
58.8
1
77
7.8
100
40
10.3
700
P6KE68A
P6KE68CA
1
58.1
64.6
68
71.4
1
92
6.5
121
33
10.4
625
P6KE82A
P6KE82CA
1
70.1
77.9
82
86.1
1
113
5.3
146
27
10.5
550
P6KE100A
P6KE100CA
1
85.5
95.0
100
105
1
137
4.4
178
22.5
10.6
500
P6KE120A
P6KE120CA
1
102
114
120
126
1
165
3.6
212
19
10.7
450
P6KE150A
P6KE150CA
1
128
143
150
158
1
207
2.9
265
15
10.8
400
P6KE180A
P6KE180CA
1
154
171
180
189
1
246
2.4
317
12.6
10.8
360
P6KE200A
P6KE200CA
1
171
190
200
210
1
274
2.2
353
11.3
10.8
350
P6KExx
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com