Electronic Components Datasheet Search
  English  ▼

X  

P6KE30A Datasheet(PDF) 5 Page - STMicroelectronics

Part # P6KE30A
Description  UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE30A Datasheet(HTML) 5 Page - STMicroelectronics

  P6KE30A Datasheet HTML 1Page - STMicroelectronics P6KE30A Datasheet HTML 2Page - STMicroelectronics P6KE30A Datasheet HTML 3Page - STMicroelectronics P6KE30A Datasheet HTML 4Page - STMicroelectronics P6KE30A Datasheet HTML 5Page - STMicroelectronics P6KE30A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Fig. 6 : Transient thermal impedance junction-am-
bient versus pulse duration (For FR4 PC Board
with L lead = 10mm).
Fig. 5 : Peak forward voltage drop versus peak
forward current (typical values for unidirectional
types).
Fig. 4b : Capacitance versus reverse applied
voltage for bidirectional types (typical values).
Fig. 4a : Capacitance versus reverse applied
voltage for unidirectional types (typical values).
Note : multiply by 2 for units with VBR > 220 V.
Fig. 7 : Relative variation of leakage current
versus junction temperature.
P6KExx
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com