Electronic Components Datasheet Search
  English  ▼

X  

MP03XXX360 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MP03XXX360
Description  Dual Thyristor, Thyristor/Diode Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP03XXX360 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MP03XXX360 Datasheet HTML 1Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 2Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 3Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 4Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 5Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 6Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 7Page - Dynex Semiconductor MP03XXX360 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP03XXX360
4/8
www.dynexsemi.com
100
10
1.0
0.1
0.01
0.001
Time - (s)
0.15
0
0.10
0.05
d.c.
Fig. 6 Transient thermal impedance - dc
Fig. 3 Maximum (limit) on-state characteristics
Fig. 4 Surge (non-repetitive) on-state current vs time
(Thyristor or diode with 50% V
RRM
at T
case
= 130˚C)
Fig. 5 Gate characteristics
1600
1200
800
400
0
0.6
1.0
1.4
1.8
Instantaneous on-state voltage, VT - (V)
Measured under pulse conditions
Tj = 125˚C
0.8
1.2
1.6
20
15
10
5
0
110
1
2 3 45
50
ms
Cycles at 50Hz
Duration
150
200
250
300
I2t
I2t = Î2 x t
2
350
400
450
500
100
10
1.0
0.1
0.001
0.1
0.01
0.1
10
Tj = 125˚C
Gate trigger current, IGT - (A)
Tj = 25˚C
Table gives pulse power PGM in Watts
Pulse Width
µs
20
25
100
500
1ms
10ms
50
100
100
100
100
100
10
100
100
100
100
100
50
-
400
100
100
100
25
-
-
Frequency Hz
Upp
er limit
99%
Lower
limit
1%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com