Electronic Components Datasheet Search
  English  ▼

X  

AD5544ARS Datasheet(PDF) 16 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5544ARS Datasheet HTML 12Page - Analog Devices AD5544ARS Datasheet HTML 13Page - Analog Devices AD5544ARS Datasheet HTML 14Page - Analog Devices AD5544ARS Datasheet HTML 15Page - Analog Devices AD5544ARS Datasheet HTML 16Page - Analog Devices AD5544ARS Datasheet HTML 17Page - Analog Devices AD5544ARS Datasheet HTML 18Page - Analog Devices AD5544ARS Datasheet HTML 19Page - Analog Devices AD5544ARS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5554/AD5554
Rev. A | Page 16 of 20
SERIAL DATA INTERFACE
The AD5544/AD5554 uses a 3-wire (CS, SDI, CLK) SPI compa-
tible serial data interface. Serial data of AD5544 and AD5554 is
clocked into the serial input register in an 18-bit and 16-bit
data-word format respectively. MSB bits are loaded first. Table 6
defines the 18 data-word bits for AD5544.
Table 7 defines the 16 data-word bits for AD5554. Data is placed
on the SDI pin, and clocked into the register on the positive
clock edge of CLK subject to the data setup and data hold time
requirements specified in the interface timing specifications.
data can only be clocked in while the CS chip select pin is active
low. For AD5544, only the last 18 bits clocked into the serial
register will be interrogated when the CS pin returns to the
logic high state, extra data bits are ignored. For AD5554, only
the last 16 bits clocked into the serial register will be inter-
rogated when the CS pin returns to the logic high state. Since
most microcontrollers output serial data in 8-bit bytes, three
right justified data bytes can be written to the AD5544. Keeping
the CS line low between the first, second, and third byte trans-
fers will result in a successful serial register update. Similarly,
two right justified data bytes can be written to the AD5554.
Keeping the CS line low between the first and second byte
transfer will result in a successful serial register update.
Once the data is properly aligned in the shift register, the posi-
tive edge of the CS initiates the transfer of new data to the target
DAC register, determined by the decoding of address Bits A1
and A0. For AD5544, Table 5, Table 7, Table 9, and Figure 4
define the characteristics of the software serial interface. For
AD5554, Table 6, Table 8, Table 9, and Figure 5 define the
characteristics of the software serial interface. Figure 29 and
Figure 30 show the equivalent logic interface for the key digital
control pins for the AD5544. AD5554 has a similar configura-
tion, except it has 14 data bits. Two additional pins, RS and
MSB, provide hardware control over the preset function and
DAC register loading.
INPUT
REGISTER
R
INPUT
REGISTER
R
INPUT
REGISTER
R
INPUT
REGISTER
R
DAC A
B
C
D
2:4
DECODE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
A0
A1
EN
16
DAC D
REGISTER
R
DAC C
REGISTER
R
DAC B
REGISTER
R
DAC A
REGISTER
R
POWER-
ON
RESET
DAC B
DAC C
DAC D
DAC A
AD5544
VREFA B C D
VDD
RFBA
IOUTA
AGNDA
RFBB
IOUTB
AGNDB
RFBC
IOUTC
AGNDC
RFBD
IOUTD
AGNDD
AGNDF
DGND
MSB
VSS
SET
MSB
SET
MSB
SDO
SDI
CLK
CS
RS
LDAC
Figure 29. System Level Digital Interfacing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com