Electronic Components Datasheet Search
  English  ▼

X  

AN665 Datasheet(PDF) 10 Page - Microchip Technology

Part # AN665
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN665 Datasheet(HTML) 10 Page - Microchip Technology

Back Button AN665 Datasheet HTML 6Page - Microchip Technology AN665 Datasheet HTML 7Page - Microchip Technology AN665 Datasheet HTML 8Page - Microchip Technology AN665 Datasheet HTML 9Page - Microchip Technology AN665 Datasheet HTML 10Page - Microchip Technology AN665 Datasheet HTML 11Page - Microchip Technology AN665 Datasheet HTML 12Page - Microchip Technology AN665 Datasheet HTML 13Page - Microchip Technology AN665 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AN665
DS00665A-page 10
ã 1997 Microchip Technology Inc.
00181
002F 0C0F
00182
movlw
.15
0030 0032
00183
movwf
TIMELO
0031
00184 SBitT2
0031 02F2
00185
decfsz
TIMELO,F
; 45us loop (data stable)
0032 0A31
00186
goto
SBitT2
00187
0033 0516
00188
bsf
GPIOTEMP,PCCLK
; clk rise
0034 0216
00189
movf
GPIOTEMP,W
0035 0006
00190
tris
GPIO
0036 0800
00191
retlw
0
00192
00193 ;**********************************************************************
00194 ;*
SendKEY
00195 ;*
sends a scan code to the PC
00196 ;*
00197 ;*
Input Variables:
00198 ;*
W
00199 ;*
Output Variables:
00200 ;*
none
00201 ;**********************************************************************
00202 ;
0037
00203 SendKEY
0037 0034
00204
movwf
AUX
; temp storage
00205
00206 ; wait PC ready
0038
00207 SendW
0038 0706
00208
btfss
GPIO,PCCLK
; test PCCLK
0039 0A38
00209
goto
SendW
; loop until HIGH
00210
00211 ; PC request ?
00212 ;
btfss
DATA
; PC pull down Data?
00213 ;
goto
RecKEY
; go receive first
00214
00215 ; send start bit
003A 0403
00216
bcf
STATUS,C
003B 0922
00217
call
SendBit
00218
00219 ; than shift out 8 bit LSB first
003C 0C08
00220
movlw
.8
003D 002F
00221
movwf
BITCOUNT
003E 0073
00222
clrf
PARITY
00223
003F
00224 SBitL
003F 0334
00225
rrf
AUX,F
; next bit
0040 0603
00226
btfsc
STATUS,C
0041 02B3
00227
incf
PARITY,F
; count parity
0042 0922
00228
call
SendBit
0043 02EF
00229
decfsz
BITCOUNT,F
0044 0A3F
00230
goto
SBitL
; loop for 8 bit
00231
0045 02B3
00232
incf
PARITY,F
; parity odd
0046 0333
00233
rrf
PARITY,F
; send parity Bit
0047 0922
00234
call
SendBit
00235
0048 0503
00236
bsf
STATUS,C
0049 0A22
00237
goto
SendBit
; send stop bit (high = released)
00238
00239
00240 ;**********************************************************************
00241 ;*
Receive
00242 ;*
receives first 64 bit transmitted by an HCS300 encoder
00243 ;*
simplified to operate with 400us PWM only
00244 ;*
00245 ;*
Input Variables:
00246 ;*
none



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com