Electronic Components Datasheet Search
  English  ▼

X  

AN665 Datasheet(PDF) 12 Page - Microchip Technology

Part # AN665
Description  USING KEELOQ짰 TO GENERATE HOPPING PASSWORDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN665 Datasheet(HTML) 12 Page - Microchip Technology

Back Button AN665 Datasheet HTML 8Page - Microchip Technology AN665 Datasheet HTML 9Page - Microchip Technology AN665 Datasheet HTML 10Page - Microchip Technology AN665 Datasheet HTML 11Page - Microchip Technology AN665 Datasheet HTML 12Page - Microchip Technology AN665 Datasheet HTML 13Page - Microchip Technology AN665 Datasheet HTML 14Page - Microchip Technology AN665 Datasheet HTML 15Page - Microchip Technology AN665 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AN665
DS00665A-page 12
ã 1997 Microchip Technology Inc.
006C 032D
00313
rrf
BUFFER6,F
006D 032C
00314
rrf
BUFFER5,F
006E 032B
00315
rrf
BUFFER4,F
006F 032A
00316
rrf
BUFFER3,F
0070 0329
00317
rrf
BUFFER2,F
0071 0328
00318
rrf
BUFFER1,F
0072 0327
00319
rrf
BUFFER0,F
00320
00321 ; compare duty cycle, to skip preamble
0073 0CE0
00322
movlw
0E0
; test duty cycle
0074 0152
00323
andwf
TIMELO,W
; delta >200us? (32 cycles)
0075 0643
00324
btfsc
STATUS,Z
0076 0A4A
00325
goto
Receive
; no! itÕs a preamble
00326
0077 02EF
00327
decfsz
BITCOUNT,F
; loop to completion
0078 0A5B
00328
goto
RNextBit
0079 0800
00329
retlw
0
00330
00331 ;----------------------------------------------------------------------
00332 ;**********************************************************************
00333 ;*
Main loop
00334 ;*
set TRIS and option register
00335 ;*
wait for start (LED)
00336 ;*
disable keyboard
00337 ;*
receive new hopping code
00338 ;*
send 16 hex digits
00339 ;*
wait transmission end
00340 ;*
loop
00341 ;**********************************************************************
00342 ;
007A
00343 Main
007A 0C04
00344
movlw
bÕ00000100Õ ; set switch ON
007B 0026
00345
movwf
GPIO
007C 0CFB
00346
movlw
MASKDEF
; init port
007D 0006
00347
tris
GPIO
007E 0C00
00348
movlw
0
007F 0002
00349
option
00350
0080 06A6
00351
btfsc
LED
; wait for Led output fall
0081 0A7A
00352
goto
Main
00353
0082
00354 Disable
0082 0066
00355
clrf
GPIO
; send disable kb
00356
; SWITCH = LOW
00357
0083 094A
00358
call
Receive
; gets the new hopping code
00359
00360 ;----------------------------------------------------------------------
00361 ; emulate a keyboard and send data as a sequence of 16 key
00362 ; pressed and released, one each hex digit
00363 ;
0084 0C08
00364
movlw
.8
; 8 byte from the buffer
0085 0030
00365
movwf
BYTECOUNT
0086 0C07
00366
movlw
BUFFER0
; init pointer
0087 0024
00367
movwf
FSR
00368
0088
00369 KEYL
0088 0200
00370
movf
INDF,W
; low nibble
0089 0E0F
00371
andlw
0F
008A 0902
00372
call
ScanCode
; encode hex nibble
008B 0035
00373
movwf
KEY
008C 0937
00374
call
SendKEY
; emulate key press
008D 091A
00375
call
Wait10ms
008E 0CF0
00376
movlw
BREAK
; emulate key release
008F 0937
00377
call
SendKEY
0090 0C01
00378
movlw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com