Electronic Components Datasheet Search
  English  ▼

X  

D41D Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # D41D
Description  High-Coded Non-Contact Safety Door Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D41D Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button D41D Datasheet HTML 8Page - Omron Electronics LLC D41D Datasheet HTML 9Page - Omron Electronics LLC D41D Datasheet HTML 10Page - Omron Electronics LLC D41D Datasheet HTML 11Page - Omron Electronics LLC D41D Datasheet HTML 12Page - Omron Electronics LLC D41D Datasheet HTML 13Page - Omron Electronics LLC D41D Datasheet HTML 14Page - Omron Electronics LLC D41D Datasheet HTML 15Page - Omron Electronics LLC D41D Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
D41D
12
Operating Principle
Operating Principle
The safety outputs can be connected to the safety circuit of the control
system. The opening of a guard door, i.e. the actuator is removed out
of the active zone of the safety door switch, will immediately disable
the safety outputs of the safety door switch. (For operating distances,
refer to Ratings and Specifications on page 5.)
Any error that does not immediately affect the functionality of the
safety door switch (e.g. too high ambient temperature, interference
potential at the safety outputs, cross-wire short) will lead to a warning
message, disabling of the auxiliary output and a delayed shutdown of
the safety outputs. (Refer toTroubleshooting on page 16.)
The safety outputs are disabled if the error warning is active for 30
minutes. The signal combination, auxiliary output disabled and safety
channels still enabled, can be used to stop the production process in a
controlled manner.
After fault rectification, the error message is reset by opening and
reclosing the corresponding guard door. The safety outputs enable
and allow a restart.
Diagnostic Functions
Operating principle of the diagnostic LEDs
The safety door switch indicates the operating condition and faults by
means of three-color LEDs located in the lateral surfaces of the safety
door switch.
The green LED indicates that the safety door switch is ready for
operation. The supply voltage is on and all safety inputs are present.
Flashing (1 Hz) of the green LED signals that a voltage is missing on
one or both of the safety inputs (X1 and/or X2).
The yellow LED always signals the presence of an actuator within
range.
If the actuator is operating near the limit of the differential travel range
of the safety door switch, the LED is flashing.
The flashing can be used to prematurely detect variations in the
clearance between the safety door switch and the actuator (e.g.
sagging of a guard door). The safety door switch must be adjusted
before the distance to the actuator increases and before the safety
outputs are disabled, thus stopping the machine. If an error is
detected, the red LED will be activated.
Operating principle of the auxiliary output
An auxiliary output additionally indicates the operating condition (refer
to Table 1). The auxiliary output OUT can be used for central
visualization or control functions, e.g. in a PLC. It indicates the
switching condition as shown in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com