Electronic Components Datasheet Search
  English  ▼

X  

D41D Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # D41D
Description  High-Coded Non-Contact Safety Door Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D41D Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button D41D Datasheet HTML 14Page - Omron Electronics LLC D41D Datasheet HTML 15Page - Omron Electronics LLC D41D Datasheet HTML 16Page - Omron Electronics LLC D41D Datasheet HTML 17Page - Omron Electronics LLC D41D Datasheet HTML 18Page - Omron Electronics LLC D41D Datasheet HTML 19Page - Omron Electronics LLC D41D Datasheet HTML 20Page - Omron Electronics LLC D41D Datasheet HTML 21Page - Omron Electronics LLC D41D Datasheet HTML 22Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
Authorized Distributor:
In the interest of product improvement,
specifications are subject to change without notice.
Cat. No. F112-E1-03
0421 (0321)
© OMRON Corporation 2021 All Rights Reserved.
OMRON Corporation
Industrial Automation Company
OMRON ELECTRONICS LLC
2895 Greenspoint Parkway, Suite 200
Hoffman Estates, IL 60169 U.S.A.
Tel: (1) 847-843-7900/Fax: (1) 847-843-7787
Regional Headquarters
OMRON EUROPE B.V.
Wegalaan 67-69, 2132 JD Hoofddorp
The Netherlands
Tel: (31)2356-81-300/Fax: (31)2356-81-388
Contact: www.ia.omron.com
Kyoto, JAPAN
OMRON ASIA PACIFIC PTE. LTD.
No. 438A Alexandra Road # 05-05/08 (Lobby 2),
Alexandra Technopark,
Singapore 119967
Tel: (65) 6835-3011/Fax: (65) 6835-2711
OMRON (CHINA) CO., LTD.
Room 2211, Bank of China Tower,
200 Yin Cheng Zhong Road,
PuDong New Area, Shanghai, 200120, China
Tel: (86) 21-5037-2222/Fax: (86) 21-5037-2200
High-Coded Safety Door Switch
1
High-Coded Non-Contact Safety Door Switch
D41D
Matches with machine design.
Initial setup by batch pairing is
quick and easy.
• Tamper-proof safety door switch to prevent human error
• Easy automatic pairing
• Fits in narrow spaces and corners inside machines
• Three types of actuators
• Complies with ISO 14119 (Type 4/High Coded),
ISO 13849-1 (PLe)
Three types of actuators fit in narrow spaces and corners inside machines
Refer to Safety Precautions on page 17
D41D-A1
Installation example: swinging door
• Fits in narrow spaces and corners
D41D-A2
Installation example: acrylic glass door
• Flat design matches the surroundings
D41D-A3
Installation example: sliding door, narrow space
• Compact size for acrylic glass doors
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
* The actuator is sold separately.
A high-coded safety switch is defined as one where a sensor is paired with a high level coded actuator for which more than 1,000
variations are available.
1
High-Coded Guard Lock Safety Door Switch
D41L
Keep your machines hygienic
• Tamper-proof safety door switch to prevent human error
• Hygienically designed switch
Unique locking mechanism prevents water
and foreign matter from collecting
Smooth surface leaves no wiping unevenness
• Complies with ISO 14119 (Type 4/High Coded),
ISO 13849-1 (PLe)
• ECOLAB certified
Identical mounting for left and right hinged doors
Features
Refer to Safety Precautions on page18
Large actuator tolerances
• Actuator tolerance in
longitudinal direction ± 3.5 mm,
lateral direction ± 2.0 mm
Easy latching force adjustment
• The latching force can be increased
from 25 N to 50 N simply
by turning the star handle 180°.
• Position I: approx. 25 N,
Position II: approx. 50 N
LED display
• Smart diagnostic
by means of 3-color LED's
• LED red: Fault
LED yellow: Status
LED green: Power
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
* The actuator is sold separately.
±3.5 mm
±2.0 mm
A high-coded safety switch is defined as one where a sensor is paired with a high level coded actuator for which more than 1,000 variations are
available.
High-Coded Non-Contact
Safety Door Switch
D41D
(No.F112)
High-Coded Guard Lock
Safety Door Switch
D41L
(No.F113)
CSM_3_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com