Electronic Components Datasheet Search
  English  ▼

X  

G9SA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9SA
Description  High-Coded Non-Contact Safety Door Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SA Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9SA Datasheet HTML 1Page - Omron Electronics LLC G9SA Datasheet HTML 2Page - Omron Electronics LLC G9SA Datasheet HTML 3Page - Omron Electronics LLC G9SA Datasheet HTML 4Page - Omron Electronics LLC G9SA Datasheet HTML 5Page - Omron Electronics LLC G9SA Datasheet HTML 6Page - Omron Electronics LLC G9SA Datasheet HTML 7Page - Omron Electronics LLC G9SA Datasheet HTML 8Page - Omron Electronics LLC G9SA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
D41D
2
Model Number Structure
Model Number Legend
Safety Door Switch
Sensor
Actuator
D41D -
@ C D - @ @
(2) (3)
(1)
(4)
(5) (6)
(1) Model
D: Non-Contact
(2) Coding level / Teaching limitation
1: High (Individual coding)
2: High (Individual coding, No limitation)
(3) Connection to controller
C: Cascade connection
(4) Diagnosis output
D: With diagnosis output
(5) Cable length
Blank: no cable
025: 25cm
(6) Connector
N1: M8
N2: M12
D41D - A
@
(2)
(1)
(1) Model
D: Non-contact
(2) Actuator type
A1: Standard
A2: Flat
A3: Miniature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com