Electronic Components Datasheet Search
  English  ▼

X  

G9SA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9SA
Description  High-Coded Non-Contact Safety Door Switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9SA Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9SA Datasheet HTML 1Page - Omron Electronics LLC G9SA Datasheet HTML 2Page - Omron Electronics LLC G9SA Datasheet HTML 3Page - Omron Electronics LLC G9SA Datasheet HTML 4Page - Omron Electronics LLC G9SA Datasheet HTML 5Page - Omron Electronics LLC G9SA Datasheet HTML 6Page - Omron Electronics LLC G9SA Datasheet HTML 7Page - Omron Electronics LLC G9SA Datasheet HTML 8Page - Omron Electronics LLC G9SA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
D41D
5
Ratings and Specifications
Model
D41D
Technical
Detection method
RFID
Frequency band
125 kHz
Transmitter outputs
-6 dBm max.
Interlock type (ISO 14119)
Type 4
Coded level (ISO 14119)
D41D-1: High (individual coding)
D41D-2: High (individual coding, No limitation)
Actuator
D41D-A1, D41D-A2, D41D-A3
Response time (ON to OFF)
100 ms max.
Risk time
200 ms max.
Startup time
2 s max.
Typical operating distance
(Sn)
(IEC 60947-5-3)
12 mm
(lateral actuation: 9 mm)
Assured operating distance
(Sao)
(IEC 60947-5-3)
10 mm (-10 to 60°C)
6 mm (-10 to 60°C, lateral)
8 mm (-25 to 65°C)
4 mm (-25 to 65°C, lateral)
Assured switch-off distance
(Sar)
18 mm
(lateral actuation: 15 mm)
Differential travel
<2.0 mm
Repeat accuracy (R)
<0.5 mm
Electrical
Supply voltage (Ue)
24 VDC (-15%/+10%)
(stabilized PELV-power supply)
Current consumption (Io)
35 mA
Overvoltage category
III
Pollution degree
3
(UL certification is 2)
Conditional short-circuit current
100 A
External device fuse rating
2 A max.
Safety input
Accepted test pulse duration
on input signal
1.0 ms max.
Test pulse interval
100 ms min.
Current consumption per input
5 mA
Safety output
(OSSD)
Switching element
PNP type, short-circuit proof
Utilization category
DC-12: 24 VDC (Ue)/0.25 A (Ie)
DC-13: 24 VDC (Ue)/0.25 A (Ie)
Operating current (Ie1)
0.25 A max.
Voltage drop (Ud)
<1 V
Test pulse duration
1.0 ms max.
Test pulse interval
1,000 ms
Auxiliary output
Switching element
PNP type, short-circuit proof
Utilization category
DC-12:24 VDC (Ue)/0.05 A (Ie)
DC-13:24 VDC (Ue) /0.05 A (Ie)
Operating current (Ie2)
0.05 A max.
Voltage drop (Ud)
<2 V
Switching frequency (f)
1 Hz
Rated insulation voltage (Ui)
32 VDC
Rated impulse withstand voltage (Uimp)
0.8 kV
Minimum operating current (Im)
0.5 mA
OFF-state leakage current (Ir)
<0.5 mA
Mechanical
Fixing screws
4 × M4 (Refer to the outline drawing for the actuator)
Tightening torque of fixing screws
0.8 N·m (Refer to the outline drawing for the actuator)
Material
Thermoplastic PBT (enclosure)
Weight
Unit: <50 g, Package: <110 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com