Electronic Components Datasheet Search
  English  ▼

X  

E2S Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # E2S
Description  Super-compact Proximity Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 1 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC E2S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
CSM_E2S_DS_E_5_1
Super-compact Proximity Sensor
E2S
Advanced Performance and Wide
Range of Selections in a Super-
compact Size
• Only 5.5
× 5.5 mm with a built-in Amplifier.
• Maximum sensing distance: 2.5 mm. Stable detection even with
workpiece fluctuations.
• Response frequency: 1 kHz.
• Low current consumption.
Be sure to read Safety Precautions on
page 6.
Ordering Information
Sensors [Refer to Dimensions on page 7.]
DC 2-Wire Models
* Models with a different frequency are also available to prevent mutual interference. The model numbers are E2S-
@@@B (e.g., E2S-W11B).
DC 3-Wire Models
* Models with a different frequency are also available to prevent mutual interference. The model numbers are E2S-
@@@B (e.g., E2S-W13B).
Appearance
Sensing surface
Sensing distance
Model
Operation mode
NO
NC
Top
E2S-W11 1M *
E2S-W12 1M
Front
E2S-Q11 1M *
E2S-Q12 1M
Top
E2S-W21 1M *
E2S-W22 1M
Front
E2S-Q21 1M *
E2S-Q22 1M
Unshielded
1.6 mm
2.5 mm
Appearance
Sensing surface
Sensing distance
Output configuration
Model
Operation mode
NO
NC
Top
NPN
E2S-W13 1M *
E2S-W14 1M
Front
E2S-Q13 1M *
E2S-Q14 1M
Top
E2S-W23 1M *
E2S-W24 1M
Front
E2S-Q23 1M *
E2S-Q24 1M
Top
PNP
E2S-W15 1M *
E2S-W16 1M
Front
E2S-Q15 1M *
E2S-Q16 1M
Top
E2S-W25 1M *
E2S-W26 1M
Front
E2S-Q25 1M *
E2S-Q26 1M
Unshielded
1.6 mm
2.5 mm
1.6 mm
2.5 mm


Similar Part No. - E2S

ManufacturerPart #DatasheetDescription
logo
Ecliptek Corporation
E2S ECLIPTEK-E2S Datasheet
108Kb / 2P
CRYSTAL
logo
Omron Electronics LLC
E2S OMRON-E2S Datasheet
545Kb / 8P
Miniature Square Inductive Proximity Sensor
logo
Ashcroft, Inc.
E2S ASHCROFT-E2S Datasheet
2Mb / 8P
E2S Intrinsically Safe Pressure Transducer
RevI_10-24-24
logo
Omron Electronics LLC
E2S-Q11 OMRON-E2S-Q11 Datasheet
545Kb / 8P
Miniature Square Inductive Proximity Sensor
E2S-Q11B OMRON-E2S-Q11B Datasheet
545Kb / 8P
Miniature Square Inductive Proximity Sensor
More results

Similar Description - E2S

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
GX-3S PANASONIC-GX-3S Datasheet
702Kb / 10P
Cylindrical Compact Inductive Proximity Sensor GX SERIES
logo
SICK AG
WTB250-2N1251 SICK-WTB250-2N1251 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1151 SICK-WTB250-2N1151 Datasheet
556Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
WTB250-2N1131 SICK-WTB250-2N1131 Datasheet
551Kb / 7P
Photoelectric proximity sensor, Photoelectric proximity sensor,
3/15/2016
logo
OSRAM GmbH
SFH7741 OSRAM-SFH7741 Datasheet
334Kb / 17P
Proximity Sensor
logo
Panasonic Semiconductor
GS-3S PANASONIC-GS-3S Datasheet
301Kb / 4P
Compact Inductive Proximity Sensor
GA-311 PANASONIC-GA-311 Datasheet
591Kb / 8P
Compact Inductive Proximity Sensor
logo
Festo Corporation.
543876 FESTO-543876 Datasheet
82Kb / 2P
Proximity sensor
546799 FESTO-546799 Datasheet
81Kb / 2P
Proximity sensor
574339 FESTO-574339 Datasheet
87Kb / 2P
Proximity sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com