Electronic Components Datasheet Search
  English  ▼

X  

E2S Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E2S
Description  Super-compact Proximity Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 4 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC E2S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
E2S
4
Specifications
Engineering Data (Typical)
Item
Model
E2S-
@@@
Protection circuits
Reverse polarity protection, Surge suppressor
Ambient temperature
range
Operating:
−25 to 70°C (with no icing or condensation), Storage: −40 to 85°C (with no icing or condensation)
Ambient humidity
range
Operating: 35% to 90% (with no condensation), Storage: 35% to 95% (with no condensation)
Temperature influence
±15% max. of sensing distance at 23°C in the temperature range of −25 to 70°C
Voltage influence
±2.5% max. of sensing distance at rated voltage in rated voltage ±10% range
Insulation resistance
50 M
Ω min. (at 500 VDC) between current-carrying parts and case
Dielectric strength
1,000 VAC for 1 min between current-carrying parts and case
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 3 times each in X, Y, and Z directions
Degree of protection
IEC 60529 IP67
Connection method
Pre-wired Models (Standard cable length: 1 m)
Weight (packed state)
Approx. 10 g
Materials
Case
Polyarylate resin
Accessories
Mounting Brackets
Sensing Area
E2S-W1
@/-W2@
E2S-Q1
@/-Q2@
Influence of Sensing Object Size and Material
E2S-W1
@/-Q1@
E2S-W2
@/-Q2@
4
3
2
1
0
−2
−1
−3
−44
3
2
1
0
Y
X
E2S-W2
@
E2S-W1
@
Distance Y
(mm)
E2S-W1
@ Sensing Head
E2S-W2
@ Sensing Head
E2S-Q1
@
E2S-Q2
@
Y
X
4
3
2
1
0
−2
−1
−3
−44
3
2
1
0
Distance Y
(mm)
E2S-Q1
@ Sensing Head
E2S-Q2
@ Sensing Head
2
1.5
1
0.5
10
0
X
50
40
30
20
SUS
d
×
d
t = 1 mm
Side length of sensing object: d (mm)
Copper
Iron
Aluminum
Brass
X
4
3
2
1
20
10
0
SUS
60
50
40
30
d
×
d
Side length of sensing object: d (mm)
Copper
Iron
Aluminum
Brass



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com