Electronic Components Datasheet Search
  English  ▼

X  

FZ-SPC Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # FZ-SPC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SPC Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button FZ-SPC Datasheet HTML 15Page - Omron Electronics LLC FZ-SPC Datasheet HTML 16Page - Omron Electronics LLC FZ-SPC Datasheet HTML 17Page - Omron Electronics LLC FZ-SPC Datasheet HTML 18Page - Omron Electronics LLC FZ-SPC Datasheet HTML 19Page - Omron Electronics LLC FZ-SPC Datasheet HTML 20Page - Omron Electronics LLC FZ-SPC Datasheet HTML 21Page - Omron Electronics LLC FZ-SPC Datasheet HTML 22Page - Omron Electronics LLC FZ-SPC Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
FH-Series
19
Choose the right camera to suit your required number of pixels.
Easy-to-use cameras with built-in light are also available.
(2) Cameras
Select a controller based on the required processing speed and network.
(1) Controllers
This development environment enables you to customize FH functions.
It includes sample codes and wizards that will help you develop your
own interfaces and processing items.
(7) Application producer
The development environment for the
Sysmac platform allows you to configure
and simulate the FH Series on your PC.
(6) Sysmac Studio
No. of pixels
Series
CPU
Performance
Description
Model
DVD for installation
Software license
FH-AP1
FH-AP1L
FH-5550 Series
FH-5050 Series
FH-2050 Series
FH-L551 Series
High-speed Controller
Standard Controller
Lite Controller
Intel® CoreTM i7 processor 4 cores
Intel® CoreTM i7 processor 4 cores
Intel® Celeron® processor 2 cores
Intel® Atom® processor 2 cores




Memory
No. of
connectable
cameras
RAM 32 GB, ROM 64 GB
RAM 8 GB, ROM 32 GB
RAM 8 GB, ROM 32 GB
RAM 4 GB, ROM 32 GB
8 max.
8 max.
8 max.
4 max.
Fieldbus
PROFINET, EtherNet/IP®, EtherCAT
PROFINET, EtherNet/IP®, EtherCAT
PROFINET, EtherNet/IP®, EtherCAT
PROFINET, EtherNet/IP®
Description
Model
DVD for installation
Software license (Vision Edition)
SYSMAC-SE200D
SYSMAC-VE001L
The cable line-up includes bend-resistant cables
and right-angle cables. Use the FZ-VSJ Cable
Extension Unit for cable extensions.
(3) Camera cables
The touch panel monitor is optimized for the operation of
the FH Series.
(5) Touch panel monitor
Omron offers a complete line-up of lights required for image processing.
The use of the camera-mount lighting controller allows you to control lighting
conditions from the FH Controller, making system configuration simple.
External lighting controller
Built-in lighting controller
(4)
Lights
Description
Description
Description
Model
Camera Cable
Bend-resistant Camera Cable
Super-bend-resistant Camera Cable
Right-angle Camera Cable
Bend-resistant Right-angle Camera Cable
Cable Extension Unit
FZ-VS
@ @@M
FZ-VSB3
@@M
FZ-VSBX
@@M
FZ-VSL
@ @@M
FZ-VSLB3
@@M
FZ-VSJ
No. of pixels
Description
Model
Touch Panel Monitor 12.1 inches
DVI-Analog Conversion Cable for Touch Panel Monitor
USB Cable for Touch Panel Monitor
FH-MT12
FH-VMDA
@@
FH-VUAB
@@
LED
Model
Camera-mount Lighting Controller
Bar Light
Direct Ring Light
Low Angle Ring Light
Coaxial Light
Shadowless Light
Spot Light
Direct Back/Edge Type Light
Dome Light
Photometric Stereo Light *
FLV-TCC
FLV-BR
FLV-DR
FLV-DL
FLV-CL
FLV-FR/FP/FS/FQ
FLV-EP
FLV-DB/FB
FLV-DD
---
High-brightness LED
Refer to the Vision Accessory Catalog (Cat. No. Q198) for details.
* The FL-TCC Camera-mount Lighting Controller cannot be used. Use the FL-TCC1PS Lighting
Controller for Photometric Stereo Light.
* RS-232C cables for long-distance connections are also available.
Refer to Ordering Information for details.
20.4 Mpix*
Standard
camera
2 Mpix
5 Mpix
1.6 Mpix
3.2 Mpix
0.4 Mpix/0.3 Mpix
12 Mpix
High-speed
camera
---
FH-S
@X12
FH-S
@X05
FH-S
@X03
FH-S
@02
FH-S
@X01
FH-S
@X
---
---
FZ-S
@5M3
---
FZ-S
@2M
---
FZ-S
@
FH-S
@21R
---
FH-S
@05R
---
---
---
---
---
---
---
---
---
---
FZ-SQ
@@@@
Camera with
built-in light
Rolling shutter
camera
FL-TCC
FL-BR
FL-DR
---
---
---
---
---
---
FL-PS
MDMC Light
FL-MD
* 20.4 Mpix Cameras can be used with the FH-5050/2050-series High-speed, Large-capacity Controllers.
* This product can be installed on the FH-5
@50-series Controller (version 6.40 or later).
: The more stars, the higher the performance.
Optional product (sold separately)
Model
Scratch Detect AI Software Installer*
FH-UMAI1
High-speed,
Large-capacity Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com