Electronic Components Datasheet Search
  English  ▼

X  

FZ-SPC Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # FZ-SPC
Description  AI-based defect detection that exceeds the ability of expert inspectors
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

FZ-SPC Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button FZ-SPC Datasheet HTML 30Page - Omron Electronics LLC FZ-SPC Datasheet HTML 31Page - Omron Electronics LLC FZ-SPC Datasheet HTML 32Page - Omron Electronics LLC FZ-SPC Datasheet HTML 33Page - Omron Electronics LLC FZ-SPC Datasheet HTML 34Page - Omron Electronics LLC FZ-SPC Datasheet HTML 35Page - Omron Electronics LLC FZ-SPC Datasheet HTML 36Page - Omron Electronics LLC FZ-SPC Datasheet HTML 37Page - Omron Electronics LLC FZ-SPC Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 54 page
background image
FH-Series
34
Intelligent Compact Digital CMOS Cameras
*1 The image acquisition time does not include the image conversion processing time of the sensor controller.
*2 Applicable standards: IEC62471-2
Model
FZ-SQ010F
FZ-SQ050F
FZ-SQ100F
FZ-SQ100N
Image elements
CMOS color image elements (1/3-inch equivalent)
Color/Monochrome
Color
Effective pixels
752 (H)
× 480 (V)
Pixel size
6.0 (
μm) × 6.0 (μm)
Shutter function
1/250 to 1/32,258
Partial function
8 to 480 lines
Frame rate
(Image Acquisition Time *1) 60 fps (16.7 ms)
Field of vision
7.5
× 4.7 to 13 × 8.2 mm
13
× 8.2 to 53 × 33 mm
53
× 33 to 240 × 153 mm
29
× 18 to 300 × 191 mm
Installation distance
38 to 60 mm
56 to 215 mm
220 to 970 mm
32 to 380 mm
LED class *2
Risk Group2
Ambient temperature
range
Operating: 0 to 50
°C
Storage: -25 to 65
°C
Ambient humidity range
Operating and storage: 35% to 85% (with no condensation)
Weight
Approx. 150 g
Approx. 140 g
Accessories
Mounting bracket (FQ-XL), polarizing filter attachment (FQ-XF1), instruction manual and warning label
38
60
7.5
13
8.2
0
4.7
Field of vision
to
• Narrow View
FZ-SQ010F
0
56
215
13
53
8.2
33
to
Field of vision
• Standard
FZ-SQ050F
0
220
970
53
240
33
153
to
Field of vision
• Wide View (Long-distance)
FZ-SQ100F
0
32
380
29
300
18
191
to
Field of vision
• Wide View (Short-distance)
FZ-SQ100N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com