Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9513 Datasheet HTML 9Page - Maxim Integrated Products MAX9513 Datasheet HTML 10Page - Maxim Integrated Products MAX9513 Datasheet HTML 11Page - Maxim Integrated Products MAX9513 Datasheet HTML 12Page - Maxim Integrated Products MAX9513 Datasheet HTML 13Page - Maxim Integrated Products MAX9513 Datasheet HTML 14Page - Maxim Integrated Products MAX9513 Datasheet HTML 15Page - Maxim Integrated Products MAX9513 Datasheet HTML 16Page - Maxim Integrated Products MAX9513 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
13
Full-Operation Mode
If a load is connected to an output, the corresponding
filter and amplifier turn on and remain on until the out-
put load is disconnected. In full-operation mode,
SmartSleep intelligently reduces the supply current
based on the input signal presence and output loading.
Figures 4, 5, and 6 show which portions of the
MAX9513 turn on and which remain off with different
load configurations.
When an amplifier is on, it continually checks if the load
has been disconnected by detecting if the amplifier
output is sourcing current during a horizontal line time.
If no sourcing current is detected within one horizontal
line time (approximately 64µs), the load has been dis-
connected and the amplifier returns to active-detect
mode. If, at any time, the input video signal is removed,
the MAX9513 returns to standby mode.
If the SmartSleep feature is not activated and the part is
not in shutdown, the filters and amplifiers completely
turn on, regardless of whether there is a video signal at
the CVBSIN input and whether there are loads connect-
ed at the outputs.
EXTCVBSIN
CVBSOUT1
CVBSIN
CVBSOUT2
GND
+3.3V
VDD
CLAMP
OFF
75
Ω
BUFFER
LOAD SENSE
6dB
75
Ω
LOAD SENSE
6dB
LPF
MAX9513
2.9mA PLUS
LOAD CURRENT
CVBS1
75
Ω
SHDN
INT/EXT
ACTIVE VIDEO
DETECT
SMARTSLEEP
CONTROL
LOGIC
+3.3V
OFF
CVBS2
+3.3V
VIDEO SIGNAL
PRESENT
0
TO
50mV
CURRENT
DAC
Figure 4. Full-Operation Mode with CVBSOUT1 Loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com