Electronic Components Datasheet Search
  English  ▼

X  

MAX9513 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9513
Description  CVBS Video Filter Amplifier with SmartSleep and Bidirectional Video Support
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9513 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9513 Datasheet HTML 15Page - Maxim Integrated Products MAX9513 Datasheet HTML 16Page - Maxim Integrated Products MAX9513 Datasheet HTML 17Page - Maxim Integrated Products MAX9513 Datasheet HTML 18Page - Maxim Integrated Products MAX9513 Datasheet HTML 19Page - Maxim Integrated Products MAX9513 Datasheet HTML 20Page - Maxim Integrated Products MAX9513 Datasheet HTML 21Page - Maxim Integrated Products MAX9513 Datasheet HTML 22Page - Maxim Integrated Products MAX9513 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
CVBS Video Filter Amplifier with SmartSleep
and Bidirectional Video Support
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
21
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)
0.10 C
0.08 C
0.10 M C A B
D
D/2
E/2
E
A1
A2
A
E2
E2/2
L
k
e
(ND - 1) X e
(NE - 1) X e
D2
D2/2
b
L
e
L
C
L
e
CL
L
C
L
C
PACKAGE OUTLINE
21-0136
2
1
G
8, 12, 16L THIN QFN, 3x3x0.8mm
MARKING
AAAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com